Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # GPL
Description  Compliant to the RoHS directive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

GPL Datasheet(HTML) 1 Page - Yellow Stone Corp

  GPL Datasheet HTML 1Page - Yellow Stone Corp GPL Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low ESR & high ripple current capability
Endurance: 2,000 hours at 125
C
Compliant to the RoHS directive
Suitable for LED Lighting, telecommunication & power unit applications.
Item
Performance Characteristics
Operating Temperature range
-55 + 125
C
Rated Voltage Range
16V
 160V
Capacitance Tolerance
 20% (at 120 Hz / 20C)
Surge Voltage
Rated Voltage x 1.15
Leakage Current
Within the specified value as in standard rating
Dissipation Factor (tan
)
Less than or equal to the specified value at 20
C, 120 Hz
Temperature Characteristics
(Impedance ratio at 100 KHz)
Z (-55
C) / Z (+20C)
1.25
Z (-125
 C) / Z (+20C)
1.25
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
C after the rated voltage
is applied for 16V~25V 2,000 hours,
35V 1,500 hours at 125C.
Capacitance change
 30% of the initial value
D. F. (Tan
)
300% of initial specified value
ESR
300% of initial specified value
Leakage current
Initial specified value or less
Bias Humidity Test
The following specifications shall be satisfied when the capacitors are restored to 20
C after subjecting them
to DC voltage at 60
C, 90 to 95% RH for 1,000 hours.
Capacitance change
 20% of the initial value
D. F. (Tan
)
150% of initial specified value
ESR
150% of initial specified value
Leakage current
Initial specified value or less
Surge Voltage Test
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified
At 105
C for 30 seconds through a protective resistor (R=1K) and discharge for 5 minutes 30 seconds.
Capacitance change
 20% of the initial value
D. F. (Tan
)
150% of initial specified value
ESR
150% of initial specified value
Leakage current
Initial specified value or less
Failure Rate
0.5% per 1,000 hours maximum (Confidence level 60% at 125
C)
 In case of any doubt arises, measure the leakage current after voltage applied for 120 minutes at 125C.
(mm)
 D +0.5max
8
10
 d ± 0.05
0.6
0.6
F
3.5
5
 (max)
1.5
1.5
GPL series
Features
◆
◆
◆
◆
Specifications
Diagram of Dimensions:(unit:mm)
Frequency
120 Hz
 f <1 KHz
1 KHz
 f <10 KHz
10 KHz
 f <100 KHz 100 KHz  f  300 KHz
Coefficient
0.05
0.30
0.70
1.00
Frequency Coefficient for Ripple Current
0
0
0000000000000000000000000000000000000000000000000000000
00000000000000
0
0
0
0


Similar Part No. - GPL

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
GPL-128 DURATOOL-GPL-128 Datasheet
124Kb / 1P
5” Electrical Precision Cutter
04/01/19 V1.0
logo
Generalplus Technology ...
GPL02E5 GENERALPLUS-GPL02E5 Datasheet
396Kb / 13P
19..5KB LCD CONTROLLER//DRIIVER
GPL02E5-NnnV-C GENERALPLUS-GPL02E5-NnnV-C Datasheet
396Kb / 13P
19..5KB LCD CONTROLLER//DRIIVER
logo
List of Unclassifed Man...
GPL05 ETC2-GPL05 Datasheet
113Kb / 1P
Potting Boxes
logo
Multicomp Pro
GPL05 MULTICOMP-GPL05 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
More results

Similar Description - GPL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCGB24M000F3N00R0 MURATA-XRCGB24M000F3N00R0 Datasheet
182Kb / 3P
the series complies to rohs directive
XRCGB24M576F0L00R0 MURATA-XRCGB24M576F0L00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
XRCGB24M576F3G00R0 MURATA-XRCGB24M576F3G00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB24M576F3N00R0 MURATA-XRCGB24M576F3N00R0 Datasheet
183Kb / 3P
the series complies to rohs directive
XRCGB25M000F2P00R0 MURATA-XRCGB25M000F2P00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB26M000F3N00R0 MURATA-XRCGB26M000F3N00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB31M250F3M00R0 MURATA-XRCGB31M250F3M00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
XRCGB31M250F3N00R0 MURATA-XRCGB31M250F3N00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB32M000F0Z00R0 MURATA-XRCGB32M000F0Z00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
logo
MTRONPTI
M1532 MTRONPTI-M1532 Datasheet
114Kb / 3P
Compliant to RoHS directive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com