Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3303 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC3303
Description  NPN Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC3303 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC3303 Datasheet HTML 1Page - Micro Commercial Components 2SC3303 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC3303
NPN Silicon
Plastic-Encapsulate
Transistor
Features
•
Capable of 1.0Watts of Power Dissipation.
•
Collector-current 5A
•
Collector-base Voltage 100V
•
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
80
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100µAdc, IE=0)
100
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100µAdc, IC=0)
7.0
Vdc
ICBO
Collector Cutoff Current
(VCB=100Vdc, IE=0)
1
µAdc
IEBO
Emitter Cutoff Current
(VEB=7.0Vdc, IC=0)
1
µAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=1.0Adc, VCE=1.0Vdc)
70
240
hFE(2)
DC Current Gain
(IC=3.0Adc, VCE=1Vdc)
40
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=3000mAdc, IB=150mAdc)
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=3000mAdc, IB=150mAdc)
1.2
Vdc
fT
Trans istor Frequency
(IC=1.0Adc, VCE=4Vdc)
20(Typ)
MHz
TO-2
51
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2014/04/28
TM
Micro Commercial Components
www.mccsemi.com
1 of
2
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
PIN 1.
BASE
PIN 2.
4 COLLECTOR
PIN 3.
EMITTER
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
.
053
.
065
1.35
1
.65
.087
.094
2.20
2.40
2.300TYP
.
020
.
028
0.50
0.70
.
028
.
035
0.70
0.90
.
017
.
023
0.43
0.58
.
250
.
262
6.35
6.65
.
017
.
023
0.43
0.58
.
205
.
213
5.20
5.40
.
213
.
224
5.40
5.70
0.091TYP
A
A1
B
b
b1
c
c1
D
D1
E
e1
e
L
1
3
2
.
295
.
311
7.50
7.90
.
177
.
185
4.50
4.70
.042
.054
1.05
1.35
DIMENSIONS
•
Halogen free available upon request by adding suffix "-HF"
Cob
Collector Output Capacitance
(IE=0, VCB=10Vdc,f=1MHz)
80(Typ)
pF
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
2.hFE(1) Range O:70-140; Y:120-240


Similar Part No. - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3303 TOSHIBA-2SC3303 Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS)
2SC3303 TOSHIBA-2SC3303 Datasheet
187Kb / 5P
High Current Switching Applications DC-DC Converter Applications
2SC3303 TOSHIBA-2SC3303 Datasheet
173Kb / 5P
High Current Switching Applications
logo
Inchange Semiconductor ...
2SC3303 ISC-2SC3303 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Jiangsu Changjiang Elec...
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3303

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com