Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-RV0R1BP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # KNP-RV0R1BP
Description  Power Wire wound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-RV0R1BP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  KNP-RV0R1BP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Excellent load life stability
 High Precision and reliability
 Axial ceramic-silicone coated
 Meets the Standards of MIL-R-26E
 RoHS compliant with 100% lead free
Applications :
 Radar, Ground Vehicles
 Communications systems
 Bias supply, Current shunts, Voltage dropping
 Motor speed controls, Voltage divider networks
 Medical instrumentation and Medical
implantables
Token’s highest quality conformal axial terminal ceramic-silicone
coated KNP-R power resistors for applications requiring high
stability and precision. The KNP-R wire-wound has a low
temperature coefficient and maintain a high degree of stability
under demanding conditions.
The power precision KNP-R series meeting MIL-R-26E (U and V
characteristics) and surface temperature (hot spot) 375℃ max.
Resistors with a wide range of 0.01Ω ~ 82kΩ, covering applications
from precision to power. Products with lead-free terminations meet EU RoHS and China RoHS
requirements.
Operating temperature range is -55℃ ~ +375℃ and derated power at high ambient temperatures as
according to the chart below. Token is equipped to design and produce custom components to meet
many design and reliability demands. In addition to standard military-grade resistor products, we also
have many resistive products designed to meet various source-controlled drawings.
Contact us with your specific needs. Or link to Token official website "General Purpose Resistors" for
more information.
Characteristics U:
275℃ Maximum hot spot temperature. 1% Maximum ΔR in 1000 hours load life.
Characteristics V:
375℃ Maximum hot spot temperature. 3% Maximum ΔR in 1000 hours load life.
Power Wire Wound Resistors Boast Consistent Precision
Power Operation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com