Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-RV0R1BP Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # KNP-RV0R1BP
Description  Power Wire wound Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-RV0R1BP Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  KNP-RV0R1BP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. KNP-RV0R1BP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/4
Electrical Performance
Electrical Performance (KNP-P)
Test Items
Test Method
Specifications
Short Time Overload
2.5 times of rated voltage 5 sec.
ΔR±(2%+0.05Ω)
Rated Load
Rated wattage 30 minutes.
ΔR±(1%+0.05Ω)
Voltage Withstanding
500VAC 1 minute.
ΔR±(1%+0.05Ω)
Insulation Resistance
500V
20MΩ
Temp. Cycle
-20℃ ~ 85℃ 5 cycles
ΔR±(1%+0.05Ω)
Soldering After Resistance
235℃ for 3 sec
ΔR±(0.5%+0.05Ω)
Incombustibility
16 times of rated wattage for 5 min.
Not flamed
Load Life
+25℃, 1.5Hrs on ~ 0.5Hrs off cycle, 1000 Hrs.
U: ΔR±(1%+0.05Ω)
V: ΔR±(3%+0.05Ω)
Application Notes
Application Notes of Wire wounds (KNP-R)
 When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic
capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other
components should be carefully taken into account for use.
 Application and Placement: Wirewound resistors use different gauges of wire as resistance elements.
Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage
in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments.
 Do not install in dusty areas because the accumulation will cause shorts and poor conductance.
Order Codes
Order Codes (KNP-R)
KNP-R3A
U
100R
B
P
Part Number
KNP-R
Characteristic
(℃)
U
275℃
V
375℃
Resistance Value
(Ω)
0R1
1.0Ω
1R
1Ω
100R
100Ω
1K
1000Ω
Resistance
Tolerance (%)
B
±0.1%
C
±0.25%
D
±0.5%
F
±1%
G
±2%
H
±3%
J
±5%
Package
P
Bulk
TB
Taping Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com