Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RCR
Description  Pulse Load Anti-Surge Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCR Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RCR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 High power at small sizes
 Max working voltage up to 3000V
 Lead (Pb)-free and RoHS compliant
 Operating temperature range: -20℃~+155℃
 Metal glaze power film, axial leaded type
 Max overload voltage 5000V, Tolerances: J
(±5%)
Applications :
 Ballasts
 Amplifiers
 Industrial power supplies
 Telecommunications
 Household appliances
 Automotive circuits, Computer, Instrumentation
A new range of anti-surge axial leaded power resistors, metal
glaze resistive element on ceramic substrates, from Token
Electronics.
A carbon film resistor replacement, the new RCR series
thick-film style resistors offer numerous benefits over the
previous style devices, namely reduced costs, excellent thermal
compliance, optimized a variety of surge capabilities and better
solder joint reliability against temperature cycles.
Token succeeded in commercializing the compact thick-film
type leaded resistors with high power and high anti surge characteristics, meeting latest design
engineer requirements and making the parts suitable for industrial, measurement and
telecommunication applications as well as for automotive circuits, like Electrical Control Units (ECU)
and Air-Bag Systems.
The anti-surge characteristics of Token's latest metal glaze power film style resistors are superior to
standard metal film resistors. The power film types of RCR resistors are available: 0.25W to 10W
power rating, max working voltage up to 3000V and max overload voltage 5000V. The resistance
range is 1Ω ~ 100MΩ at operating temperature range -20℃~+155℃.
All RCR series devices are RoHS-compliant, and compatible with high temperature soldering
processes normally employed for lead free solders. Resistors are also available in various forming
styles and different leads for different applications. Contact us with your specific needs. For more
information, please link to Token official website "General Purpose Resistors".
Thick-film anti-surge resistor handles large pulse loading.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com