Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RCR
Description  Pulse Load Anti-Surge Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCR Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RCR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/4
General Specifications
General Specifications (RCR) (Unit: mm)
Type
Power Rating
L
D
d ± 0.05
H
RCR25
1/4W
6.5±1
2.3±0.5
0.5 ~ 0.6
26±3
RCR50
1/2W
9.5±1
3.4±0.5
RCR100
1W
12.0±1
4.0±0.5
0.7 ~ 0.8
RCR200
2W
16.0±1
6.1±0.5
RCR300
3W
17.0±1
7.0±0.5
RCR500
5W
24.0±1
8.0±0.5
RCR1000 *
10W
max.50
max.10
Anti-Surge (RCR) Dimensions (Unit: mm)
Remark: RCR1000 is custom design and on request.
Power Rating
Anti-Surge Resistors (RCR)
Type
Power
Rating
Max
Working
Voltage
Max
Overload
Voltage
Dielectric
With-standing
Voltage
TCP.(ppm/℃)
Resistance Range
E24.J(±5%)(Ω)
Operating
Temperance
RCR25
1/4W
500V
700V
500V
±350
1 ~ 33M
-20℃
~+155℃
RCR50
1/2W
1000V
1500V
600V
±350
1 ~ 68M
RCR100
1W
1500V
2500V
800V
±350
1 ~ 100M
RCR200
2W
2000V
3000V
800V
±350
1 ~ 100M
RCR300
3W
2500V
4000V
1000V
±350
1 ~ 100M
RCR500
5W
3000V
5000V
1000V
±350
1 ~ 100M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com