Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJM Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RJM
Description  Metal Film Ultra Precision Melf Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJM Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RJM Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 DIN: 0102, 0204, 0207, 0411.
 Pure Sn termination on Ni barrier layer.
 Very high ratio of performance to price.
 High precision tolerance down to ± 0.05 %.
 Force fitted steel caps, tin plated on nickel
barrier.
 Superior overall stability, most advanced thin
film technology.
 TCR down to ± 5ppm/℃, wide resistance range:
0.1Ω to 22MΩ.
 Compatible with lead (Pb)-free and lead
containing soldering processes.
Applications :
 Measuring and calibration equipment.
 Industrial process control systems.
 Space and aircraft electronics.
 Test and measurement.
 Medical electronics.
 Telecom.
(RJM) professional thin film MELF resistors (Cylindrical Resistors)
are the perfect choice for most fields of modern professional
electronics where reliability and stability is of major concern.
(RJM) resistors combine the proven reliability of professional MELF
products with a most advanced level of precision and stability first
achieved with axial thin film high precision resistors.
This unique combination makes the product perfectly suited for all applications with outstanding
requirements towards reliable precision and stability. The typical applications in the fields of
telecommunication, automotive and medical equipment reflect the outstanding level of proven
reliability.
Token's (RJM) equate Vishay, Ohmite, Caddock, IRC, EBG, KOA, Panasonic Precision MELF with
more competitive price and fast delivery. Contact us with your specific needs. Please link to Token
official website "Melf Resistors" for more information.
Token Precision Metal-Film Melf Resistors (RJM) offer
more design options.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com