Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJM Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RJM
Description  Metal Film Ultra Precision Melf Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJM Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RJM Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RJM Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/4
Characteristics
Characteristics (RJM)
Type
RJM72P
RJM73P
RJM74S RJM74P RJM16M RJM17M RJM18M
Metric type
DIN: 0102 DIN: 0204
DIN: 0207
DIN: 0309 DIN: 0411
Rated dissipation
P70
0.125W
0.25W
0.25W
0.50W
1.0W
2.0W
3.0W
Resistance range (Ω)
10 ~ 1M
10 ~ 10M
Resistance tolerance (%)
J ( ±5 ); F ( ±1 ); D ( ±0.5 ); C ( ±0.25 ); B ( ±0.10 ); A5 ( ±0.05 )
Temperature coefficient (ppm/°C)
C1 ( ±100 ); C2 ( ±50 ); C3 ( ±25 ); C5( ±15 ); C6 ( ±10 ); C7 ( ±5 )
Climatic category (LCT/UCT/days)
55 / 125 / 56
Operating voltage
Umax
150V
200V
250V
300V
350V
400V
450V
Temperature range
-55°C to 125°C
Insulation voltage (V)
300
500
500
600
700
800
900
Insulation resistance
>1GΩ
Notice: Resistance out of range, tolerance and temperature coefficient match are under request.
Order Codes
Order Codes (RJM)
RJM74P
10R
D
C6
P
Part Number
RJM72P
RJM73S
RJM73P
RJM74S
RJM74P
RJM16M
RJM17M
RJM18M
Resistance Value
(Ω)
0R1
0.1Ω
10R
10Ω
100R
100Ω
1K
1KΩ
10K
10KΩ
100K
100KΩ
1M
1MΩ
10M
10MΩ
Resistance
Tolerance (%)
J
±5%
F
±1%
D
±0.5%
C
±0.25%
B
±0.10%
A5
±0.05%
Temperature
coefficient (PPM/℃)
C1
±100ppm/℃
C2
±50ppm/℃
C3
±25ppm/℃
C5
±15ppm/℃
C6
±10ppm/℃
C7
±5ppm/℃
Package
P
Bulk
TR
Taping
Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com