Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4793 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC4793
Description  NPN Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4793 Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC4793 Datasheet HTML 1Page - Micro Commercial Components 2SC4793 Datasheet HTML 2Page - Micro Commercial Components 2SC4793 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
B
20
17/07/27
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R
0.1
1
10
1
10
100
1000
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
1000
0
25
50
75
100
125
150
0
250
500
750
1000
1250
1500
1750
2000
1
10
100
1000
200
300
400
500
600
700
800
900
1000
1
10
100
1000
10
100
1000
1
10
100
1000
10
100
1000
1
0
3
2
5
4
4
8
7
9
10
11
12
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
REVERSE VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
30
BASE-EMMITER VOLTAGE
V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=5V
AMBIENT TEMPERATURE
T
a
(℃)
P
C
——
T
a
——
COLLECTOR CURRENT
I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
β=10
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE=5V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com