Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4793 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4793
Description  NPN Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4793 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4793 Datasheet HTML 1Page - Micro Commercial Components 2SC4793 Datasheet HTML 2Page - Micro Commercial Components 2SC4793 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC4793
NPN Silicon
Power Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
230
V
VCBO
Collector-Base
Voltage
230
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
1.0
A
IB
Base Current
0.1
A
PCM
Collector power dissipation
Ta=25
OC
Tc=25
OC
2.0
20
W
TJ
Junction Temperature
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Revision:
B
20
17/07/27
A
N
M
P
Q H
J
B
D
C
E
F
K
G
TO-220F
1 2
3
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
www.mccsemi.com
1 of 3
Micro Commercial Components
M C C
R
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Complementary to 2SA1837
-55 to +150
DIMENSIONS
INCHES
MM
DIM
MAX
MIN
MAX
MIN
NOTE
.392
A
.408
9.96
10.36
Φ
C
.106
2.70
D
.583
.598
14.80
15.20
F
.1
02
.1
57
2.60
4.00
H
.020
0.75
0.50
.030
M
.169
.185
4.30
4.70
N
.110
.126
2.80
3.20
Q
.020
0.75
.030
0.50
B.138
3.50
E
.520
13.20
G
.100
2.54
J
.043
.053
1.10
1.35
P
.0
79
.114
2.
00
2.90
Collector power dissipation
1.5
W
PC
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=0.1mAdc, IE=0)
230
---
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=230Vdc,IE=0)
---
---
10
µAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
10
µAdc
hFE
Forward Current Transfer ratio
(IC=100mAdc, VCE=5.0Vdc)
100
---
320
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
---
1.5
Vdc
fT
Transition Frequency
(VCE=10Vdc, IC=100mAdc)
30
---
---
MHz
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
230
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100
µAdc, IC=0)
5.0
---
---
Vdc


Similar Part No. - 2SC4793

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4793 TOSHIBA-2SC4793 Datasheet
147Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC4793 UTC-2SC4793 Datasheet
46Kb / 4P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC4793 SAVANTIC-2SC4793 Datasheet
246Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4793 JMNIC-2SC4793 Datasheet
44Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4793 ISC-2SC4793 Datasheet
166Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4793

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com