Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1766-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SD1766-R
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SD1766-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SD1766-R Datasheet HTML 1Page - Micro Commercial Components 2SD1766-R Datasheet HTML 2Page - Micro Commercial Components 2SD1766-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
10
100
10
100
1000
0.1
1
1000
0
200
400
600
800
1000
0
25
125
150
0
200
400
600
0.1
1000
1
10
100
1
1000
10
100
1000
0.1
10
1
10
100
1000
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
1000
0
5
0
100
200
300
400
500
600
700
5
2000
I
C
f
T
——
COMMON EMITTER
V
CE=5V
T
a=25
℃
2000
β=10
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
40
COLLECTOR CURRENT I
C
(mA)
P
C
——
T
a
50
75
100
AMBIENT TEMPERATURE T
a
(℃)
2000
2000
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
1
10
100
COLLECTOR CURREMT I
C
(mA)
300
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
10
100
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 3V
30
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
1
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (V)
10
100
COLLECTOR CURREMT I
C
(mA)
V
BE
——
I
C
COMMON EMITTER
V
CE=3V
Static Characteristic
COMMON
EMITTER
T
a=25
℃
2.0mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
1.8mA
0.4mA
I
B=0.2mA
1
23
4
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Revision:
A
201
6/05/06
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com