Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1766-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SD1766-R
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SD1766-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SD1766-R Datasheet HTML 1Page - Micro Commercial Components 2SD1766-R Datasheet HTML 2Page - Micro Commercial Components 2SD1766-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD
1766-P
2SD1766-Q
2SD1766-R
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
32
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
1.0
A
PC
Collector dissipation
500
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=50
µAdc, IE=0)
40
---
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc)
32
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=50
µAdc, IC=0)
5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=20Vdc,IE=0)
---
---
1.0
µAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
---
1.0
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=
500mAdc, VCE=3.0Vdc)
82
---
390
---
VCE(sat)
Collector-Emitter Saturation Voltage
0.
8
Vdc
fT
Gain-Bandwidth product
(VCE=5V, IC=50mA, f=100MHz)
---
1
00
---
MHz
Cob
Out Capacitance
(VCB=10V, f=1.0MHz,IE=0)
---
30
---
pF
hFE[1] CLASSIFICATION
Rank
P
Q
R
Range
82-180
120-270
180-390
SOT-89
1. Base
2. Collector
3. Emitter
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
Revision:
A
201
6/05/06
www.mccsemi.com
1 of
3
Marking
D
BP
D
BQ
D
BR
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
B
A
E
D
G
H
F
K
J
C
123
NPN
Plastic-Encapsulate 
Transistors
(IC=
2.0Adc, IB=0.2Adc)




 

 
 











25












































1.55
.061
REF.


•
Halogen free available upon request by adding suffix "-HF"
•
Complements to 2SB11
88
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
µAdc
Micro Commercial Components
M C C
R


Similar Part No. - 2SD1766-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD1766-R SECOS-2SD1766-R Datasheet
248Kb / 2P
2A, 40V NPN Epitaxial Planar Transistor
More results

Similar Description - 2SD1766-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com