Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCD Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMCD
Description  High Voltage Bulk Ceramic Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMCD Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMCD Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
Peak voltage up to 74 KV, Power (W) up to
100W.
Typical resistance range 75 ohm ~ 1 Kohm.
Resistance tolerance K(±10%).
Inductance only 0.4µH max.
Heavy load characteristics.
Applications :
X-Ray, Lasers, Medical Defibrillators,
Dynamic Braking, Soft-start/Current-limit,
Radar, Motor Drives, Broadcast Transmitters,
Snubber Circuits, Dummy Loads, Energy Research,
RF Amplifiers, Semiconductor Process, Power
Conditioning.
Power High Voltage Dividers and Resistors Type RMCD extend
Token Electronic's advanced proprietary high voltage resistor
technology to larger devices than have previously been available
on the market.
The RMCD is the bulk non-inductive ceramic tubular resistor.
Because of the larger volume of resistive material, these resistors
are capable of handling significantly higher pulsed power than
their wire wound or metal film counterparts, making them
suitable for rapid energy dumping and high energy pulse work.
This RMCD offer higher average power dissipation while retaining the advantages of high surge
energy, high voltage withstand, and non-inductance. It is especially useful in RF applications such as
transmitters and modulators, where the tube configuration provides more effective convection cooling.
In addition, this RMCD HV resistor and divider provide high peak voltage and power energy
combined with extremely high working voltage. These specifications can provide important
improvements in performance in many types of advanced electronic systems, including TWT power
supplies, radar systems, X-ray systems, analytical equipment and high resolution CRT displays.
Token will also produce devices outside these specifications to meet customer requirements, with
comprehensive application engineering and design support available for customers worldwide. For
complete information on quantity price and delivery, please contact our Sales Office, or link to Token
official website "High Voltage Resistors" to get more information.
Bulk Ceramic Tubular Resistor Offers Higher Energy
Power Dissipation & Higher Voltage Withstand.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com