Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCD Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RMCD
Description  High Voltage Bulk Ceramic Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMCD Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RMCD Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RMCD Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 2/4
General Specifications
General Specifications (RMCD) (Unit: mm)
Type
Dimensions (Unit: mm)
Resistance
(Ω)
Tolerance
(%)
Energy
(KJ)
Peak Voltage
(KV)
Power
(W)
L±3.0 ΦD±2.0 Φd±2.0
RMCD-100
305
25.4
15.5
75~1K
±10
30
75
100
RMCD-90
250
25.4
15.5
25
60
90
RMCD-70
200
25.4
15.5
20
45
70
RMCD-50
150
25.4
15.5
15
30
50
RMCD-35
100
25.4
15.5
10
15
35
Tubular High Voltage Resistors (RMCD) Dimensions
Electrical Characteristics
Electrical Characteristics (RMCD)
Type
Power
Rating
Temperature
Coefficient
Resistivity
Specific
Heat
Inductance
Density
Max.
Operating
Temperature
RMCD 35 ~ 100W
-500
~-1500PPM/℃
5~80Ω·cm
2J/cm3·℃
0.4µH max 2.25g/cm3
220℃ max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com