Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RY31A Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RY31A
Description  High Frequency Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RY31A Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RY31A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/4
Product Introduction
Features :
 Special Oxide Film technology
 Speciality product for RF applications
 Low-inductance non-helical trimmed product
 Lead (Pb)-free and RoHS compliant
Applications :
 Telecommunication equipment
 Industrial electronics
RY31A specialty MELF Non-Inductive Resistors combines the
advanced pulse load capability and the suitability for RF
applications in a single component.
They are the perfect choice in RF high frequency circuit designs
where the parasitic inductance of regular, helical trimmed
resistors cannot be accepted, but where also pulse energies apply.
Typical applications are in the fields of telecommunication
equipment and industrial electronics.
RY31A - High Frequency Metal Oxide Film Resistor, with the
inner and outer surfaces coated with a special glass, features higher thermal resistance and larger
electric power capacity for the compact volume. Unlike conventional wire wound type, the volumetric
resistance will provide superior stability versus frequency and excellent durability against transient
voltage. RY31A is suitable for the application with large current as well as high frequency circuit.
In very low resistance values, between 1.0 and 100 ohm, these are available in rated wattage 10W,
25W, 50W, 100W, and 150W packages.
The High-Frequency RY31A Series is RoHS compliant and lead free. For customed designs, tighter
tolerances, non-standard technical requirements, or custom special applications, please contact our
Sales Office, or link to Token official website "High Voltage Resistors" to get more information.
A Perfect Choice for High Frequency RF Circuit Designs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com