Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RY31A Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RY31A
Description  High Frequency Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RY31A Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RY31A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RY31A Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 3/4
Order Codes
Order Codes (RY31A)
RY31A
10W
50R
K
Part Number
RY31A
Rated Power (W)
10W
25W
50W
100W
150W
Resistance Value (Ω)
51R
51Ω
56R
56Ω
62R
62Ω
68R
68Ω
75R
75Ω
Resistance Tolerance (%)
J
±5%
K
±10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com