Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSC Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # UPSC
Description  Ultra Precision Resistor Networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPSC Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPSC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 Precision tolerance tight to T(±0.01%).
 Superior TCR narrowed to C10 (±2 ppm/℃).
 Metal film precision networks, Lead (Pb)-free
and RoHS compliant.
 Any value available within resistance range,
excellent stability and reliability.
Applications :
 Precision Bypass.
 Simulation Equipment.
 Test and Measurement.
 Medical, Bridge Circuitry.
 Precision Amplifiers, Divider.
 High Precision Instrumentation.
 Audio (High End Stereo Equipment).
 Commercial Avionics, Data Convertors.
Following market demands for components to deliver
ultra-precision applications in often very confined spaces,
design engineers can now benefit from new technologies
capable of Temperature Coefficient C10 (±2 ppm/℃),
compact body size UPSC Networks.
Constructed with Token EE/RE 1/10 series to form a stable,
high precision and low temperature coefficient network
resistor, the networks are protected from moisture by a
proprietary passivation material.
Customer can specify Tolerance and Temperature Coefficient range designed to satisfy challenging and
specific technical requirements. The resistance and TCR range makes these (UPSC) series ideal for a
number of applications, including test and measurement devices, commercial avionics and medical
equipment or devices.
The thin-film (UPSC) also can be designed with custom schematics to meet individual customer
specifications. The networks provide excellent resistor precision and accuracy with resistor tolerances
to ±0.01%. They have TCR values to ±2ppm/℃, providing superior performance over the military
temperature range.
UPSC Series equate IRC, EBG Precision Devices with more competitive price and fast delivery. For
non-standard technical requirements and special applications, please contact our manufacturer or sales
representatives. Besides, you can link to Token official website "Precision Resistors" to get more
information.
UPR Versus UPSC Series:
 UPSC Series have the advantage of compact body size.
 The electric characteristics of UPR and UPSC are the same.
 UPR Series have the advantage of wider resistance range 10Ω~5MΩ.
Token's compact size ultra-precision resistor networks
take accuracy pole position.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com