Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSC Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # UPSC
Description  Ultra Precision Resistor Networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPSC Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  UPSC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPSC Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 2/5
Dimensions & Technical Characteristics
Dimensions & Technical Characteristics (UPSC)
Dimensions
(Unit: mm)
A
7.65± 0.3
B
8.6± 0.3
C
2.6± 0.3
D
0.6 ± 0.05
E
3.81± 0.5
Working Temperature (℃)
-10 ~ +70
Rated Wattage at 70℃ (W)
0.2
Maximum Working Voltage
(V)
250
Nominal Resistance Range (Ω) 40Ω ~ 5MΩ
200Ω ~ 500KΩ
Nominal Resistance Tolerance
(%)
A2(±0.02), A5(±0.05), B(±0.1)
T(±0.01), A2(±0.02), A5(±0.05),B(±0.1)
Temperature Coefficient
(ppm/℃)
[TCR: +25℃ ~ +85℃]
C9(±3), C7(±5), C6(±10),
C5(±15), C3(±25)
C10(±2), C9(±3), C7(±5),
C6(±10), C5(±15), C3(±25)
Resistor Network (UPSC) Dimensions
Remark: 1. Customer can specify Tolerance and Temperature Coefficient range to meet your own needs.
2. It can be required to Token's representatives if customer's requirement beyond the range of Token's specifications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com