Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP232W Datasheet(PDF) 2 Page - TT Electronics.

Part # OP232W
Description  Hermetic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP232W Datasheet(HTML) 2 Page - TT Electronics.

  OP232W Datasheet HTML 1Page - TT Electronics. OP232W Datasheet HTML 2Page - TT Electronics. OP232W Datasheet HTML 3Page - TT Electronics. OP232W Datasheet HTML 4Page - TT Electronics. OP232W Datasheet HTML 5Page - TT Electronics. OP232W Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without notice or
liability. All information is subject to TT Electronics’ own data and is considered accurate at
time of going to print.
Hermetic Infrared Emitting Diode
OP230 Series
Issue B
07/2016
Page 2
© TT electronics plc
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
OP231, OP232, OP233, OP234, OP235 
OP231W, OP232W, OP233W, OP234W, OP235W 
INCHES
[
MILLIMETERS]
DIMENSIONS ARE IN: 
Cathode
Anode
INCHES
 
[MILLIMETERS]
DIMENSIONS ARE IN: 
Cathode
Anode
Pin # 
LED 
1
Anode
2
Cathode
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
‐65
o C to +150o C
Operating Temperature Range
‐65
o C to +125o C
Reverse Voltage
2.0 A
Continuous Forward Current
100 mA
Peak Forward Current
10.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(1)(2)
Power Dissipation
200 mW
(3)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com