Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP232W Datasheet(PDF) 3 Page - TT Electronics.

Part # OP232W
Description  Hermetic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP232W Datasheet(HTML) 3 Page - TT Electronics.

  OP232W Datasheet HTML 1Page - TT Electronics. OP232W Datasheet HTML 2Page - TT Electronics. OP232W Datasheet HTML 3Page - TT Electronics. OP232W Datasheet HTML 4Page - TT Electronics. OP232W Datasheet HTML 5Page - TT Electronics. OP232W Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without notice or
liability. All information is subject to TT Electronics’ own data and is considered accurate at
time of going to print.
Hermetic Infrared Emitting Diode
OP230 Series
Issue B
07/2016
Page 3
© TT electronics plc
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Notes:
1. RMA flux is recommended. Dura on can be extended to 10 seconds maximum when flow soldering.
2. Derate linearly 2.0 mW/° C above 25° C.
3. Measurement made with 100 µs pulse measured at the trailing edge of the pulse with a duty cycle of 0.1% and an IF = 100 mA.
4. For the OP231 series, EE(APT) is a measurement of the average radiant intensity within the cone formed by the measurement surface, a radius of
1.429” (36.30 mm) measured from the lens side of the tab to the sensing surface and a sensing surface of 0.250” (6.35 mm) in diameter forming a 10°
cone. For the OP231W series, EE(APT) is a measurement of the average radiant intensity within the cone formed by the measurement surface, a radius
of 0.466” (11.84 mm) measured from the lens side of the tab to the sensing surface and a sensing surface of 0.250” (6.35 mm) in diameter forming a
10° cone. EE(APT) is not necessarily uniform within the measured area.
Electrical Characteris cs (TA = 25°C unless otherwise noted)
SYMBOL 
PARAMETER 
MIN 
TYP 
MAX  UNITS 
TEST CONDITIONS 
Input Diode
Apertured Radiant Incidence
OP231
OP232
OP233
OP234
OP235
1.5
2.0
3.0
5.0
6.0
‐
‐
‐
‐
‐
‐
6.0
‐
‐
‐
mW/
cm
2
OP231 Series
IF = 100 mA
(3 )(4)
Aperture = 0.250”
Distance = 1.429”
OP231W
OP232W
OP233W
OP234W
OP235W
1.5
3.5
5.0
5.0
6.0
‐
‐
‐
‐
‐
‐
7.0
‐
‐
‐
mW/
cm
2
OP231W Series
IF = 100 mA
(3 )(4)
Aperture = 0.250”
Distance = 0.466”
PO
Radiant Power Output
OP231
OP232
OP233
‐
‐
‐
6.0
8.0
10.0
‐
‐
‐
mW
IF = 100 mA
(3 )(4)
VF
Forward Voltage
‐
‐
2.0
V
IF = 100 mA
(3)
IR
Reverse Current
‐
‐
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
OP231, OP232, OP233
OP234, OP235
‐
‐
890
850
‐
‐
nm
IF = 10 mA
β
Spectral Bandwidth between Half Power
Points
‐
80
‐
nm
IF = 10 mA
∆λP /∆T
Spectral Shi with Temperature
‐
+0.30
‐
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
OP231 ‐ OP235
OP231W ‐ OP231W
‐
‐
18
50
‐
‐
Degree IF = 100 mA
tr
Output Rise Time
‐
500
‐
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
‐
250
‐
ns
EE(APTa)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com