Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2907CDDB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2907CDDB
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907CDDB Datasheet(HTML) 5 Page - Linear Technology

  LTC2907CDDB Datasheet HTML 1Page - Linear Technology LTC2907CDDB Datasheet HTML 2Page - Linear Technology LTC2907CDDB Datasheet HTML 3Page - Linear Technology LTC2907CDDB Datasheet HTML 4Page - Linear Technology LTC2907CDDB Datasheet HTML 5Page - Linear Technology LTC2907CDDB Datasheet HTML 6Page - Linear Technology LTC2907CDDB Datasheet HTML 7Page - Linear Technology LTC2907CDDB Datasheet HTML 8Page - Linear Technology LTC2907CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2906/LTC2907
5
29067f
29067 G13
29067 G14
29067G17
29067 G21
29067G15
VMAX (V)
0
5
4
3
2
1
0
4
123
5
RST AT 150mV
RST AT 50mV
RST PULL-DOWN CURRENT, IRST (mA)
0
20
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
29067 G18
10
50
60
40
30
25
°C
85
°C
–40
°C
29067 G19
TEMPERATURE (
°C)
20
19
18
17
16
15
14
13
12
11
10
VMAX (V)
0
5
4
3
2
1
0
4
123
5
RST AT 150mV
RST AT 50mV
VCC = V1
S1 = TOL = GND
VADJ = 0.55V
NO PULL-UP R
V1 = VCC = 5V
VADJ = 0.45V
S1 = TOL = V1
NO PULL-UP R
S1 = TOL = VCC = V1
VADJ = 0.55V
NO PULL-UP R
RST PULL-DOWN CURRENT, IRST (mA)
0
20
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
29067 G16
10
50
60
40
30
25
°C
85
°C
–40
°C
VMAX (V)
2.0
4.0
3.0
5.0
2.5
4.5
3.5
–16
–14
–12
–10
–8
–6
–4
–2
0
TOL = V1
VRT25
VRT33
VRT50
VMAX (V)
2.0
4.0
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
3.0
5.0
2.5
4.5
3.5
VRT25
VRT33
VRT50
TOL = GND
OUTPUT SOURCE CURRENT, IRST (µA)
–12
3.0
2.5
2.0
1.5
1.0
0.5
–10
–8
–6
–4
–2
0
25
°C
85
°C
–40
°C
OUTPUT SOURCE CURRENT, IRST (µA)
–7
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–1
–8
–6
–3
–4
–5
290467 G20
–2
0
TOL = V1 = 3.3V
VADJ = 0.45V
S1 = OPEN
NO PULL-UP R
TOL = V1 = 3.3V
VADJ = 0.55V
S1 = OPEN
NO PULL-UP R
25
°C
85
°C
–40
°C
V1 = VCC = 5V
VADJ = 0.55V
S1 = TOL = V1
NO PULL-UP R
–50
100
25
75
–25
0
50
S1 = TOL = V1 = 3.3V
TYPICAL PERFOR A CE CHARACTERISTICS
RST Pull-Down Current (IRST)
vs VMAX
RST Pull-Up Current (IRST)
vs VMAX
RST Output Voltage Low (VOL)
vs RST Pull-Down Current (IRST)
RST Pull-Down Current (IRST)
vs VMAX
RST Output Voltage Low (VOL)
vs RST Pull-Down Current (IRST)
RST Pull-Up Current (IRST)
vs VMAX
RST Output Voltage High (VOH)
vs RST Output Source Current (IRST)
RST Output Voltage High (VOH) vs
RST Output Source Current (IRST)IS1, ITOL vs Temperature
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com