Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2907CDDB Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2907CDDB
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907CDDB Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2907CDDB Datasheet HTML 2Page - Linear Technology LTC2907CDDB Datasheet HTML 3Page - Linear Technology LTC2907CDDB Datasheet HTML 4Page - Linear Technology LTC2907CDDB Datasheet HTML 5Page - Linear Technology LTC2907CDDB Datasheet HTML 6Page - Linear Technology LTC2907CDDB Datasheet HTML 7Page - Linear Technology LTC2907CDDB Datasheet HTML 8Page - Linear Technology LTC2907CDDB Datasheet HTML 9Page - Linear Technology LTC2907CDDB Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2906/LTC2907
6
29067f
PI FU CTIO S
VCC (Pin 1/Pin 4): Optional Power Supply Pin. VCC powers
and maintains the correct operation of the RST and RST
pins in the complete absence of V1. If V1 is present, the
greater of VCC or V1 (VMAX) powers the internal circuitry
and the reset outputs. Bypass this pin to ground with a
0.1
µF (or greater) capacitor. Tie to V1 when no optional
power is available.
RST (Pin 2/Pin 3): (LTC2906 Only) Reset Logic Output.
When all voltage inputs are above the reset threshold for
at least the programmed delay time, this pin pulls low. This
pin has a weak pull up to VMAX and may be pulled above
VMAX using an external pull-up.
TMR (Pin 2/Pin 3): (LTC2907 Only) Reset Delay Time
Programming Pin. Attach an external capacitor (CTMR) to
GND to set a reset delay time of 9ms/nF. Leaving the pin
open generates a minimum delay of approximately 200
µs.
A 22nF capacitor will generate a 200ms reset delay time.
RST (Pin 3/Pin 2): Inverted Reset Logic Output. Pulls low
when either V1 or VADJ is below the reset threshold and
holds low for programmed delay time after all voltage
inputs are above threshold. This pin has a weak pull up to
VMAX and may be pulled above VMAX using an external
pull-up.
GND (Pin 4/Pin 1 and Pin 9): Ground.
TOL (Pin 5/Pin 8): Three-State Input for Supply Tolerance
Selection (5%, 7.5% or 10%). Refer to Applications Infor-
mation for tolerance selection chart (Table 3).
S1 (Pin 6/Pin 7): The Voltage Threshold Select Three-
State Input. Connect to V1, GND or leave unconnected in
open state to select one of three possible input threshold
levels (refer to Table 1).
VADJ (Pin 7/Pin 6): Adjustable Voltage Input. Bypass this
pin to ground with a 0.1
µF (or greater) capacitor in a noisy
environment.
V1 (Pin 8/Pin 1): Voltage Input 1. Select from 5V, 3.3V or
2.5V. Refer to Table 1 for details. The greater of (V1, VCC)
is also the internal VCC (VMAX). Bypass this pin to ground
with a 0.1
µF (or greater) capacitor.
(TS8 Package/DDB8 Package)
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–20
–19
–18
–17
–16
–15
–14
–13
–12
–11
–10
29067 G22
–50
100
25
75
–25
0
50
S1 = TOL = GND
V1 = 3.3V
IS1, ITOL vs Temperature
Specifications are at TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com