Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1815-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # D1815-R
Description  NPN Silicon Epitaxial Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

D1815-R Datasheet(HTML) 2 Page - Micro Commercial Components

  D1815-R Datasheet HTML 1Page - Micro Commercial Components D1815-R Datasheet HTML 2Page - Micro Commercial Components D1815-R Datasheet HTML 3Page - Micro Commercial Components D1815-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2014/08/22
www.mccsemi.com
2 of 4
MCC
TM
Micro Commercial Components
h
——
I
Static Characteristic
FE
C
1.6
1000
1.4
a
A
=100
1.2
1.0
A
=25
0.8
100
0.6
0.4
0.2
=5V
CE
0.0
10
0
1
2
3
4
5
6
7
V
8
(V)
9
10
1E-3
0.01
0.1
1
3
COLLECTOR CURRENT I
(A)
COLLECTOR-EMITTER VOLTAGE
C
CE
COMMON
EMITTER
T =25
10m
9mA
8m
A
7mA
6m
5mA
4mA
3mA
2mA
I =1mA
B
T
a
T
a
COM
V
MON EMITTER
V
——
I
V
—— I
CEsat
C
BEsat
C
1000
500
900
800
T =25
a
700
600
100
T =100
a
500
T =100
a
400
T =25
a
300
200
100
β=10
β=10
10
1E-3
0.01
0.1
1
3
1E-3
0.01
0.1
1
3
COLLECTOR CURRENT I
(A)
COLLECTOR CURRENT I
(A)
C
C
a
V / V
I
—— V
C / C
——
C
BE
ob
ib
CB
EB
1000
3
COMMON EMITTER
f=1MHz
V =5V
I =0/I =0
CE
E
C
T =25
a
C
1
ib
100
C
ob
0.1
0.01
10
30
0
200
400
600
800
1000
1200
0.1
1
REVERSE VOLTAGE
10
V (V)
BASE-EMMITER VOLTAGE V
(mV)
BE
a
D1815-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com