Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1815-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # D1815-R
Description  NPN Silicon Epitaxial Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

D1815-R Datasheet(HTML) 1 Page - Micro Commercial Components

  D1815-R Datasheet HTML 1Page - Micro Commercial Components D1815-R Datasheet HTML 2Page - Micro Commercial Components D1815-R Datasheet HTML 3Page - Micro Commercial Components D1815-R Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS
Compliant. See ordering information)
•
Capable of 1.0Watts of Power Dissipation.
•
Collector-current 3.0A
•
Collector-base Voltage 120V
•
Operating and storage junction temperature range:-55oC to +150oC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
10
0
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10µAdc, IE=0)
12
0
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10µAdc,I
C=0)
6
Vdc
ICBO
Collector Cutoff Current
(VCB=100Vdc, IE=0Adc)
1.0
µAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0Adc)
1.0
µAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain*
(IC=500mAdc, VCE=5.0Vdc)
10
0
2
00
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1500mAdc, IB=150mAdc)
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=1500mAdc, IB=150mAdc)
1.2
Vdc
fT
Transistor Frequency
(IC=500mAdc, VCE=10Vdc)
1
80(Typ)
MHz
Revision: A
2014/08/22
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
(V
CB=10Vdc, I
E=0,f=1MHz)
ton
Turn-on time
COB
Collector Output Capacitance
25(typ)
pF
Halogen free available upon request by adding suffix "-HF"
•
tf
Fall time
(V
CC=50Vdc, I
C=1.5A,IB1=-IB2=-0.15A)
ts
Storage time
100(typ)
nS
900(typ)
nS
50(typ)
nS
SMALL-SIGNALCHARACTERISTICS
D1815-R
NPN Silicon
Epitaxial Transistor
PIN 1.
BASE
PIN 2.
4 COLLECTOR
PIN 3.
EMITTER
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
.
053
.
065
1.35
1
.65
.087
.094
2.20
2.40
2.300TYP
.
020
.
028
0.50
0.70
.
028
.
035
0.70
0.90
.
017
.
023
0.43
0.58
.
250
.
262
6.35
6.65
.
017
.
023
0.43
0.58
.
205
.
213
5.20
5.40
.
213
.
224
5.40
5.70
0.091TYP
A
A1
B
b
b1
c
c1
D
D1
E
e1
e
L
1
3
2
.
295
.
311
7.50
7.90
.
177
.
185
4.50
4.70
.042
.054
1.05
1.35
DIMENSIONS


Similar Part No. - D1815-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1815 SANYO-D1815 Datasheet
523Kb / 10P
High-Current Switching Applications
More results

Similar Description - D1815-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com