Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS751 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MPS751
Description  PNP Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPS751 Datasheet(HTML) 2 Page - Micro Commercial Components

  MPS751 Datasheet HTML 1Page - Micro Commercial Components MPS751 Datasheet HTML 2Page - Micro Commercial Components MPS751 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro Commercial Components
M C C
R
-10
-100
-1000
-300
-400
-500
-600
-700
-800
-900
-1000
-1100
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
10
100
-10
-100
-1000
10
100
1000
-0
-1
-2
-3
-4
-5
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-10
-100
-1000
-10
-100
β=10
T
a
=100℃
T
a
=25℃
-2500
-500
800
300
200
-2000
-2000
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=10
I
C
V
BEsat
——
V
CE
=-2V
T
a
=25℃
T
a
=100
oC
V
BE
——
I
C
-20
-2000
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
oC
Cob
Cib
V
CB
/ V
EB
REVERSE VOLTAGE
V
(V)
C
ob
/ C
ib
——
T
a
=25
oC
T
a
=100
oC
V
CE
=-2V
I
C
h
FE
——
COMMON
EMITTER
T
a
=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-1.0mA
-1.5mA
-2.0mA
-4.5mA
-4.0mA
-2.5mA
-5.0mA
-3.5mA
-3.0mA
I
B
=-0.5mA
Static Characteristic
COLLECTOR CURRENT
I
C
(mA)
COLLECTOR CURRENT
I
C
(mA)
V
CEsat
——
I
C
Typical Characteristics
Revision: B
2016/01/25
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com