Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS751 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MPS751
Description  PNP Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPS751 Datasheet(HTML) 1 Page - Micro Commercial Components

  MPS751 Datasheet HTML 1Page - Micro Commercial Components MPS751 Datasheet HTML 2Page - Micro Commercial Components MPS751 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPS751
PNP Encapsulate
Transistors
Features
Maximum Ratings
Symbol
Parameters
Rating
Unit
VCEO
Collector-Emitter Voltage
-60
V
VCBO
Collector-Base Voltage
-80
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current, Continuous
-2
A
TJ
Operating Junction Temperature
Range
-55 to +150
OC
TSTG
Storage Temperature
Range
-55 to +150
OC
PD
Power Dissipation
625
mW
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
s
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=-10mAdc, IB=0)
-60
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100μAdc, IE=0)
-80
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-10μAdc, IC=0)
-5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-80Vdc, IE=0)
---
-100
nAdc
IEBO
Base Cutoff Current
(VEB=-4Vdc, IC=0)
---
-100
nAdc
Revision: B
2016/01/25
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
•
Switching and Amplifier Applications
hFE
DC Current Gain
(VCE=-2.0Vdc, IC=-50mAdc)
75
(VCE=-2.0Vdc, IC=-500mAdc)
75
(VCE=-2.0Vdc, IC=-1Adc)
75
(VCE=-2.0Vdc, IC=-2Adc)
40
VCE(sat)
Collector-Emitter Saturation Voltage
(I C=-2Adc, IB=-200mAdc)
-0.5
Vdc
(I C=-1Adc, IB=-100mAdc)
-0.3
Vdc
VBE(sat)
Base-Emitter saturation Voltage
(IC=1-Adc, IB=-100mA)
-1.2
Vdc
VBE(on)
Base-Emitter On Voltage
(IC=-1Adc, VCE=-2.0Vdc)
-1.0
Vdc
f T
Transition frequency
(IC=-50mAdc, VCE=-5Vdc,f=100MHz)
75
MHz
www.mccsemi.com
1 of
3
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
E
B
C
E
B
C
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.173
.220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
•
•
Maximum Thermal Resistance: 200
oC/W Junction to Ambient
*
*
*
*
*
*Pulse Test: Pulse Width<= 300us, Duty Cycle = 2.0%.
Micro Commercial Components
M C C
R
@ 25
OC Unless Otherwise Specified


Similar Part No. - MPS751

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS751 FAIRCHILD-MPS751 Datasheet
26Kb / 3P
Silicon PNP Transistor
logo
ON Semiconductor
MPS751 ONSEMI-MPS751 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
logo
KEC(Korea Electronics)
MPS751 KEC-MPS751 Datasheet
370Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
ON Semiconductor
MPS751 ONSEMI-MPS751 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Continental Device Indi...
MPS751 CDIL-MPS751 Datasheet
197Kb / 3P
NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
More results

Similar Description - MPS751

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT3906 TECHPUBLIC-MMDT3906 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com