Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR13DPC1T2201 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # PWR13DPC1T2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR13DPC1T2201 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button PWR13DPC1T2201 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 6/13
Lightning Surge
Lightning Surge of Pulse Withstanding Chip Resistor (PWR)
1.2/50µs Lightning Surge Chip Resistor (PWR)
10/700µs Lightning Surge Chip Resistor (PWR)
Note: Lightning Surge of Pulse Withstanding Chip Resistors are tested in accordance with IEC 60 115-1 using both 10/700μs
and 1.2/50μs pulse shapes.
The limit of acceptance is a shift in resistance of less than 1% from the initial value.
Pulse withstanding capacity of Pulse Withstanding Chip Resistor (PWR)
Pulse withstanding capacity of Chip Resistor (PWR)
Note: The single impulse graph is the result of 50 impulses of rectangular shape applied at one-minute intervals.
The power applied was subject to the restrictions of the maximum permissible impulse voltage graph shown.
The limit of acceptance was a shift in resistance of less than 1% from the initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com