Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR13DPC1T2201 Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # PWR13DPC1T2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR13DPC1T2201 Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button PWR13DPC1T2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. PWR13DPC1T2201 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 10/13
Application Notes
Pulse Withstanding Chip Resistors (PWR) Application & Soldering Notes
Today's electronic devices are becoming smaller and smaller. The requirement, in particular, for pulse
withstand capability is growing due to the need to protect sensitive modern electronic systems.
To meet this demand Token Electronics have designed a Pulse Withstanding Chip Resistor (PWR
Series). The enhanced performance of the chips is made possible by the precise use of the best
resistance inks and a closely controlled production process.
Application Notes:
 Applications vary from line protection for telecommunications to surge withstanding resistors for use in
circuit breakers. Details of a typical telecomm and power supply application are given below.
 Telephone lines can be subjected to a large range of voltage disturbances, many of which can damage
switching equipment. This has led to the need for circuit protection against both high voltage transients,
usually of short duration caused by lighting strikes and overloads of longer duration, due to direct
connection to mains power lines.
 These two faults are separated into primary and secondary protection.
1.
Primary protection handles the high voltage transients, and is usually located within the exchange.
2.
Secondary protection is usually built into the equipment to be protected, and deals with both current and
voltage limiting.
 Voltage limiting prevents damage to the equipment and shock hazards, and current limiting prevents
damage to wiring.
 To determine the suitability of a (PWR) series chip resistors for your application refer to the pulse
withstanding data as given lighting surge performance using both 1.2/50μs and 10/700μs pulse shapes.
Soldering Notes:
 Electrical connection to a ceramic substrate or to a printed circuit board can be made by
reflow or wave soldering of wrap-around terminations.
 Wrap-around terminations provide good leach properties and ensure reliable contact.
 Due to the robust construction, the (PWR) can be immersed in the solder bath for 30 seconds at 260℃.
 This enables the resistor to be mounted on one side of a printed circuit board and wire-leaded components
applied on the other side.
 (PWR) resistors themselves can operate at a maximum temperature of 155℃.
 For soldered resistors, the joint temperature should not exceed 110℃.
 This condition is met when the stated power levels at 70℃ and recommended pad and trace areas are
used.
 Allowance should be made if smaller areas of copper are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com