Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12502/BCA Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML12502/BCA
Description  Analog Mixer With On?밅hip Regulator For Bias Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12502/BCA Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML12502/BCA Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LANSDALE Semiconductor, Inc.
ML12502
www.lansdale.com
Page 5 of 8
Issue 0
All Input and output
cables to the scope are
equal lengths of 50-ohm
coaxial cable.
Notes:
Test 1 – Adjust potentiometer for carrier null at fc = 100 kHz.
Test 2 – Connect pins 5 and 6 to Gnd.
Sampling Volt meter
Hewlett Packard
3406A or Equiv.
Tektronix
454 and 568
Oscilloscopes
Hewlett Packard
651A and 3300B
100 kHz to 100 MHz
@ 30 mVpp
Signal A
Input (Pin 2)
Output (Pin12)
Output (Pin 11)
Signal B Input (Pin 8)
Output (Pin 12)
Output (Pin 11)
Figure 4. Carrier Feedthrough Test Circuits
12
11
Outputs
Null
Adjust
VCC
6
14
5
7
1
10
VEE
Reg.
Bypass
Local Oscillator
Inputs
2
3
8
9
Mixer
Inputs
1.0
µf
1.0
µf
1.0
µf
0.1
µf
0.1
µf
50
+5.0 V
0.1
µf
133
133



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com