Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML12502/BCA Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML12502/BCA
Description  Analog Mixer With On?밅hip Regulator For Bias Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12502/BCA Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

  ML12502/BCA Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12502/BCA Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LANSDALE Semiconductor, Inc.
ML12502
www.lansdale.com
Page 6 of 8
Issue 0
1.0 K
100.0
10.0
1.0
0.1
–50
fc, CARRIER FREQUENCY (MHz)
+40
+30
+20
+10
0
–10
–20
–30
–40
–60
fc, CARRIER FREQUENCY (MHz)
1.0 K
100.0
10.0
+40
+30
+20
+10
0
–10
–20
–30
–40
–50
–60
0.1
1.0
fc, CARRIER FREQUENCY (MHz)
10.0
100.0
1.0
100.0
10.0
1.0
0.1
0.0
1.0
2.0
3.0
4.0
0.1
fc, CARRIER FREQUENCY (MHz)
5.0
4.0
3.0
2.0
0.0
5.0
1.0
– 5.0 V
All input and output
cables to the scope are
equal lengths of 50-ohm
coaxial cable.
X 50
Atten.
50
50
50
50
11
12
Outputs
VEE
VCC
Null
Adjust
Reg.
Bypass
Mixer
Inputs
Local Oscillator
Inputs
1.0
µf
+
–
– 5.0 V
50
14
6
5
7
10
1
Hewlett
Packard
TEE 11536A
Hewlett Packard 3406A
Sampling Voltmeter
Hewlett Packard
651A 10 kHz
@ 150 mV R.M.S.
Hewlett Packard
651A and 3300B
100 kHz to 400 MHz
@ 30 mV RMS.
9
1.0
µf
0.1
µf
50
2
3
0.1
µf
1.0
µf
8
1.0
µf
Notes:
Test 1 – Adjust potentiometer for carrier null @ fc = 100 kHz
Test 2 – Connect pins 5 and 6 to –5.0 volts
Test 3 – Adjust potentiometer for carrier null @ 25
° C
Figure 5. Carrier Feedthrough versus Frequency
(Test 1)
Figure 6. Carrier Feedthrough versus Frequency
(Test 2)
Figure 7. Carrier Suppression Test Circuit
Figure 8. Carrier Suppression versus Frequency
(Test 1)
Figure 9. Carrier Suppression versus Frequency
(Test 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com