Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-7 Datasheet(PDF) 2 Page - Stanford Microdevices

Part # SCA-7
Description  DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-7 Datasheet(HTML) 2 Page - Stanford Microdevices

  SCA-7 Datasheet HTML 1Page - Stanford Microdevices SCA-7 Datasheet HTML 2Page - Stanford Microdevices SCA-7 Datasheet HTML 3Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|S11| vs. Frequency
|S21| vs. Frequency
|S12| vs. Frequency
|S22| vs. Frequency
Output Power vs.Frequency
Typical S-Parameters Vds = 4.0V, Id = 40mA
SCA-7 DC-3 GHz Cascadable MMIC Amplifier
(S-Parameters include the effects of two 1.0 mil diameter bond wires, each 20 mils long, connected to the gate and drain pads on the die)
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
-20
-15
-10
-5
0
0.1
1
2
3
16
20
24
28
0.1
1
2
3
-30
-28
-26
-24
-22
-20
0.1
1
2
3
-20
-15
-10
-5
0
0.1
1
2
3
10
11
12
13
14
12
34
dBm
dB
GHz
GHz
dB
dB
GHz
GHz
dB
GHz
Freq GHz
|S11|
S11 Ang
|S21|
S21 Ang
|S12|
S12 Ang
|S22|
S22 Ang
.100
0.338
117
13.126
139
0.064
-19
0.326
118
.500
0.322
112
13.096
130
0.056
-25
0.317
113
.900
0.310
61
12.333
93
0.057
-46
0.320
64
1.00
0.305
47
12.165
83
0.059
-50
0.320
51
1.50
0.271
-13
11.356
38
0.062
-79
0.316
-9
2.00
0.225
-71
10.626
-7
0.066
-107
0.307
-67
2.50
0.179
-129
9.175
-52
0.070
-138
0.298
-126
3.00
0.148
172
8.363
-90
0.073
-173
0.291
177
Typical Performance at 25
°°°°° C (Vds = 4.0V, Ids = 40mA)
5-126



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com