Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-7 Datasheet (PDF) - Stanford Microdevices

SCA-7 Datasheet PDF - Stanford Microdevices
Part # SCA-7
Download  SCA-7 Download
File Size   273.37 Kbytes
Page   3 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier

SCA-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA-7 Datasheet PDF - Stanford Microdevices

Part # SCA-7
Download  SCA-7 Click to download

File Size   273.37 Kbytes
Page   3 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier

SCA-7 Datasheet (HTML) - Stanford Microdevices


SCA-7 Product details

Product Description
Stanford Microdevices’ SCA-7 is a high performance Gallium Arsenide Hetrojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration is utilized for broadband performance up to 3 GHz. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. Typical IP3 at 40mA is +24dBm.

Product Features
• High Output IP3 : +24dBm
• High Gain : Up to 21dB
• Cascadable 50 Ohm : 1.5:1 VSWR
• Patented GaAs HBT Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET




Similar Part No. - SCA-7

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
Silicon PIN Photodiode with Op Amp
logo
Eravant
SCA-01-3M3F-SD-V ERAVANT-SCA-01-3M3F-SD-V Datasheet
348Kb / 3P
3.5 mm Coaxial Fixed Attenuator, 1 dB Attenuation, Thermal Vacuum Safe
Rev 1.1
SCA-01-KMKF-SD ERAVANT-SCA-01-KMKF-SD Datasheet
337Kb / 3P
2.92 mm Coaxial Fixed Attenuator, 1 dB Attenuation
Rev 1.0
SCA-01-SMSF-SD ERAVANT-SCA-01-SMSF-SD Datasheet
345Kb / 3P
SMA Coaxial Fixed Attenuator, 1 dB Attenuation
Rev 1.0
More results


Similar Description - SCA-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-686 ETC-SNA-686 Datasheet
494Kb / 5P
DC 6 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-17 STANFORD-SCA-17 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-3 STANFORD-SCA-3 Datasheet
556Kb / 6P
DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
SCA-16 STANFORD-SCA-16 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-15 STANFORD-SCA-15 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-100S SIRENZA-SNA-100S Datasheet
169Kb / 3P
DC-10 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-14 STANFORD-SCA-14 Datasheet
448Kb / 6P
DC-4 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com