Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNA-686 Datasheet (PDF) - List of Unclassifed Manufacturers

SNA-686 Datasheet PDF - List of Unclassifed Manufacturers
Part # SNA-686
Download  SNA-686 Download
File Size   494.12 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC 6 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER

SNA-686 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNA-686 Datasheet PDF - List of Unclassifed Manufacturers

Part # SNA-686
Download  SNA-686 Click to download

File Size   494.12 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC 6 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER

SNA-686 Datasheet (HTML) - List of Unclassifed Manufacturers


SNA-686 Product details

[Sirenza]

Product Description
Sirenza Microdevices’ SNA-686 is a high performance Gallium Arsenide Heterojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration is utilized for broadband performance up to 6 GHz. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. Typical IP3 at 850 MHz with 65mA is 34 dBm.

Product Features
• High Output IP3: 34 dBm @ 850 MHz
• Cascadable 50 Ohm Gain Block
• Patented GaAs HBT Technology
• Operates From Single Supply

Applications
• Cellular, PCS, CDPD, Wireless Data, SONET




Similar Part No. - SNA-686

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
Stanford Microdevices
SNA-676 STANFORD-SNA-676 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-676-TR1 STANFORD-SNA-676-TR1 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-676-TR2 STANFORD-SNA-676-TR2 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-676-TR3 STANFORD-SNA-676-TR3 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
More results


Similar Description - SNA-686

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-17 STANFORD-SCA-17 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-3 STANFORD-SCA-3 Datasheet
556Kb / 6P
DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
SCA-7 STANFORD-SCA-7 Datasheet
273Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-16 STANFORD-SCA-16 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-15 STANFORD-SCA-15 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-100S SIRENZA-SNA-100S Datasheet
169Kb / 3P
DC-10 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-14 STANFORD-SCA-14 Datasheet
448Kb / 6P
DC-4 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com