Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-16 Datasheet (PDF) - Stanford Microdevices

SCA-16 Datasheet PDF - Stanford Microdevices
Part # SCA-16
Download  SCA-16 Download
File Size   274.5 Kbytes
Page   3 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier

SCA-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA-16 Datasheet PDF - Stanford Microdevices

Part # SCA-16
Download  SCA-16 Click to download

File Size   274.5 Kbytes
Page   3 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier

SCA-16 Datasheet (HTML) - Stanford Microdevices


SCA-16 Product details

Product Description
Stanford Microdevices’ SCA-16 is a high performance Gallium Arsenide Hetrojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration is utilized for broadband performance up to 3 GHz. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. Typical IP3 at 50mA is +28dBm.

Product Features
• High Output IP3 : +28dBm
• Flat Gain : +/- 0.7dB Over Full Band
• Cascadable 50 Ohm : 1.5:1 VSWR
• Patented GaAsHBT Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET




Similar Part No. - SCA-16

ManufacturerPart #DatasheetDescription
logo
Eravant
SCA-10-1M1F-SB ERAVANT-SCA-10-1M1F-SB Datasheet
327Kb / 3P
1mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev 1.0
SCA-10-2M2F-S2 ERAVANT-SCA-10-2M2F-S2 Datasheet
235Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev. 1.0
SCA-10-2M2F-S9 ERAVANT-SCA-10-2M2F-S9 Datasheet
250Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev. 1.0
SCA-10-2M2F-SD ERAVANT-SCA-10-2M2F-SD Datasheet
342Kb / 3P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation
Rev 1.0
SCA-10-2M2F-SD-40 ERAVANT-SCA-10-2M2F-SD-40 Datasheet
274Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 10 dB Attenuation, 10 W
Rev 1.0
More results


Similar Description - SCA-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-686 ETC-SNA-686 Datasheet
494Kb / 5P
DC 6 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-17 STANFORD-SCA-17 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-3 STANFORD-SCA-3 Datasheet
556Kb / 6P
DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
SCA-7 STANFORD-SCA-7 Datasheet
273Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
SCA-15 STANFORD-SCA-15 Datasheet
274Kb / 3P
DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-100S SIRENZA-SNA-100S Datasheet
169Kb / 3P
DC-10 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SCA-14 STANFORD-SCA-14 Datasheet
448Kb / 6P
DC-4 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com