Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-16 Datasheet(PDF) 2 Page - Stanford Microdevices

Part # SCA-16
Description  DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-16 Datasheet(HTML) 2 Page - Stanford Microdevices

  SCA-16 Datasheet HTML 1Page - Stanford Microdevices SCA-16 Datasheet HTML 2Page - Stanford Microdevices SCA-16 Datasheet HTML 3Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|S11| vs. Frequency
|S21| vs. Frequency
|S12| vs. Frequency
|S22| vs. Frequency
Output Power vs.Frequency
Typical S-Parameters Vds = 4.0V, Id = 50mA
SCA-16 DC-3 GHz Cascadable MMIC Amplifier
(S-Parameters include the effects of two 1.0 mil diameter bond wires, each 20 mils long, connected to the gate and drain pads on the die)
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
-20
-15
-10
-5
0
0.1
1
2
3
12
14
16
18
0.1
1
2
3
-24
-20
-16
-12
0.1
1
2
3
-20
-15
-10
-5
0
0.1
1
2
3
dBm
dB
GHz
GHz
dB
dB
GHz
GHz
dB
GHz
Freq GHz
|S11|
S11 Ang
|S21|
S21 Ang
|S12|
S12 Ang
|S22|
S22 Ang
.100
0.247
125
6.531
148
0.108
-42
0.212
124
.500
0.241
117
6.606
136
0.103
-31
0.206
117
.900
0.256
70
6.397
103
0.102
-55
0.228
71
1.00
0.260
58
6.362
93
0.103
-61
0.235
59
1.50
0.272
3
6.174
52
0.102
-93
0.260
3
2.00
0.265
-50
6.078
10
0.101
-122
0.273
-52
2.50
0.240
-104
5.638
-32
0.104
-153
0.274
-109
3.00
0.204
-160
5.343
-70
0.106
172
0.264
-167
Typical Performance at 25
°°°°° C (Vds = 4.0V, Ids = 50mA)
12
13
14
15
16
0.1
1
2
3
5-150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com