Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF8935 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYRF8935
Description  WirelessUSB??NL 2.4 GHz Low Power Radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF8935 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYRF8935 Datasheet HTML 32Page - Cypress Semiconductor CYRF8935 Datasheet HTML 33Page - Cypress Semiconductor CYRF8935 Datasheet HTML 34Page - Cypress Semiconductor CYRF8935 Datasheet HTML 35Page - Cypress Semiconductor CYRF8935 Datasheet HTML 36Page - Cypress Semiconductor CYRF8935 Datasheet HTML 37Page - Cypress Semiconductor CYRF8935 Datasheet HTML 38Page - Cypress Semiconductor CYRF8935 Datasheet HTML 39Page - Cypress Semiconductor CYRF8935 Datasheet HTML 40Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
CYRF8935
Document Number: 001-61351 Rev. *K
Page 39 of 40
*G
3841304
SELV
01/10/2013 Updated Typical Application:
Updated Table 6 under Transmit Power Control to include values of Register 9
for each Silicon ID.
Added Note 6 and referred the same Note in both Silicon ID columns.
Updated Register Definitions:
Updated details of “Register 31 - Read only” in Table 10.
Updated Table 12 under Recommended Register Values to include
recommended value for applications for each Silicon ID.
Added Note 8 and referred the same Note for Silicon ID columns.
Updated Electrical Characteristics:
Updated Test Condition and Notes of PAVH and PAVL parameters to include
values of Register 9 for each silicon ID.
Added Note 17 and referred the same Note for Silicon IDs in PAVH and PAVL
parameters.
*H
3928385
SELV
03/11/2013 Updated Enter Sleep and Wakeup, Receive Timing, and Reset Pull-up
sections.
*I
3980337
SELV
04/24/2013 Updated Register Definitions:
Updated Table 12 under Recommended Register Values with new values in
columns “Silicon ID 0x1002” and “Silicon ID 0x2002” for Registers 7, 23, 32,
33, 34, 35, and 41.
*J
4036152
SELV
06/21/2013 Updated Register Definitions:
Updated Table 12 under Recommended Register Values with new value in
column “Silicon ID 0x2002” for Register 26.
Completing Sunset Review.
*K
5742845
SGUP
05/19/2017 Added watermark “Not recommended for new designs” across the document.
Updated Package Diagram:
spec 001-13937 – Changed revision from *E to *F.
Updated to new template.
Document History Page (continued)
Document Title: CYRF8935, WirelessUSB™ NL 2.4 GHz Low Power Radio
Document Number: 001-61351
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com