Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF8935 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYRF8935
Description  WirelessUSB??NL 2.4 GHz Low Power Radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF8935 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYRF8935 Datasheet HTML 17Page - Cypress Semiconductor CYRF8935 Datasheet HTML 18Page - Cypress Semiconductor CYRF8935 Datasheet HTML 19Page - Cypress Semiconductor CYRF8935 Datasheet HTML 20Page - Cypress Semiconductor CYRF8935 Datasheet HTML 21Page - Cypress Semiconductor CYRF8935 Datasheet HTML 22Page - Cypress Semiconductor CYRF8935 Datasheet HTML 23Page - Cypress Semiconductor CYRF8935 Datasheet HTML 24Page - Cypress Semiconductor CYRF8935 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CYRF8935
Document Number: 001-61351 Rev. *K
Page 21 of 40
Register Definitions
The following registers are accessed using the SPI protocol.
Some of the internal registers and bit fields are not intended for end-user adjustment. Such registers are not described here and
should not be altered from the factory-recommended value
Table 10. RF Register Information
Bit No.
Bit Name
Description
Register 3 – Read only
15:13
(Reserved)
(Reserved)
12
RF_SYNTH_LOCK
Indicates the phase lock status of RF synthesizer.
1: Locked
0: Unlocked
11:0
(Reserved)
(Reserved)
Register 6 – Read only
15:10
RAW_RSSI[5:0]
Indicates 6-bit raw RSSI value from analog circuit.
Each LSB is approximately 1 dB. See Reading
RSSI on page 14 for details.
9:0
(Reserved)
(Reserved)
Register 7
15:9
(Reserved)
(Reserved)
8
TX_EN
Initiates the transmit sequence for state machine
control.
Note that TX_EN and RX_EN cannot be set to ‘1’
at the same time.
7
RX_EN
Initiates the receive sequence for state machine
control.
Note that TX_EN and RX_EN cannot be set to ‘1’
at the same time.
6:0
RF_PLL_CH_NO [6:0]
Sets Tx and Rx RF channel number, for example:
Write 0 for channel 0 (2402 MHz)
Write 39 for channel 39 (2441 MHz)
Write 78 for channel 78 (2480 MHz)
Register 9
15:11
(Reserved)
(Reserved)
10:7
PA_GN[3:0]
PA power level control
6:0
(Reserved)
(Reserved)
Register 10
15:1
(Reserved)
(Reserved)
0
XTAL_OSC_EN
1: Enable crystal oscillator gain block
0: Disable crystal oscillator gain block
15:1
(Reserved)
(Reserved)
Register 11
15
CW_MODE
1: Disables Tx modulation; CW only.
0: Normal Tx mode
14:10
(Reserved)
(Reserved)
9
RSSI_DIS
1: Disable RSSI
0: RSSI operates normally.
8:0
(Reserved)
(Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com