Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # TIP30
Description  1.0 Amp Complementary Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP30 Datasheet(HTML) 2 Page - Micro Commercial Components

  TIP30 Datasheet HTML 1Page - Micro Commercial Components TIP30 Datasheet HTML 2Page - Micro Commercial Components TIP30 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.03
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.03
0.5
5.0
70
3.0
100
7.0
300
30
0.1
0.3
0.07
1.0
TJ = 150°C
25°C
-55°C
VCE = 2.0 V
500
10
50
3.0
Figure 2. Turn–Off Time
IC, COLLECTOR CURRENT (AMP)
IB1 = IB2
IC/IB = 10
ts′ = ts - 1/8 tf
TJ = 25°C
ts′
0.03
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
0.02
0.1
3.0
0.07
1.0
1.0
IC/IB = 10
TJ = 25°C
tr @ VCC = 10 V
0.5
0.3
0.1
0.05
0.05
0.3
0.5
td @ VEB(off) = 2.0 V
0.03
0.7
2.0
0.07
0.7
tr @ VCC = 30 V
tf @ VCC = 10 V
tf @ VCC = 30 V
0.07
1.0
0.5
0.3
0.1
0.05
0.03
0.7
2.0
0.2
0.1
3.0
1.0
0.05
0.3
0.5
0.07
0.7
2.0
0.2
Figure 4. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE, (VOLTS)
10
0.1
10
SECOND BREAKDOWN LIMITED
THERMALLY LIMITED @ TC = 25°C
BONDING WIRE LIMITED
1.0
20
100
40
3.0
4.0
0.1
TIP29, 30
TIP29A, 30A
TIP29B, 30B
TIP29C, 30C
TJ = 150°C
CURVES APPLY BELOW
RATED VCEO
1 ms
dc
5 ms
2.0
0.2
MCC
TIP29,A,B,C(NPN)
TIP30,A,B,C(PNP)
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com