Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP30
Description  1.0 Amp Complementary Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP30 Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP30 Datasheet HTML 1Page - Micro Commercial Components TIP30 Datasheet HTML 2Page - Micro Commercial Components TIP30 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIP29,A,B,C(NPN)
TIP30,A,B,C(PNP)
1.0 Amp
Complementary
Silicon Power
Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
VCBO
Collector-Base Voltage
TIP29, TIP30
TIP29A, TIP30A
TIP29B, TIP30B
TIP29C, TIP30C
40
60
80
100
V
VEB
Emitter-Base Voltage
5.0
V
IC
Collector Current- Continuous
Peak(1)
1.0
3.0
A
IB
Base Current-Continuous
0.4
A
PD
Total power dissipation @TC=25OC
Derate above 25OC
30
0.24
W
W/OC
TJ,
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VCEO(SUS) Collector-Emitter Sustaining Voltage
(note 2)
(IC=30mAdc, IB=0)
TIP29, TIP30
TIP29A, TIP30A
TIP29B, TIP30B
TIP29C, TIP30C
40
60
80
100
---
---
---
---
Vdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
1.0
mAdc
ICES
Collector Cutoff Current
(VCE=40V, VEB=0)
TIP29, TIP30
(VCE=60V, VEB=0)
TIP29A, TIP30A
(VCE=80V, VEB=0)
TIP29B, TIP30B
(VCE=100V, VEB=0)
TIP29C, TIP30C
---
---
---
---
200
200
200
200
μAdc
ICEO
Collector Cutoff Current
(VCE=30Vdc, IB=0)
TIP29, TIP29A, TIP30, TIP30A
(VCE=60Vdc, IB=0)
TIP29B, TIP29C, TIP30B, TIP30C
---
---
0.3
0.3
mAdc
ON CHARACTERISTICS
(2)
hFE(1)
DC Current Gain
(IC=0.2Adc, VCE=4.0Vdc)
(IC=1.0Adc, VCE=4.0Vdc)
40
15
---
75
----
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1.0Adc, IB=125mAdc)
---
0.7
Vdc
VBE(ON)
Base-Emitter On Voltage
(IC=1.0Adc,VCE=4.0Adc)
---
1.3
Vdc
fT
Current-Gain-Bandwidth Product(note3)
(IC=200mAdc, VCE=10Vdc,
f=1.0MHZ)
3.0
---
MHZ
hfe
Small-Signal Current Gain
(IC=0.2Adc, VCE=10Vdc, f=1.0KHz )
20
---
---
2. Pulse Test: Pulse Width=300us, Duty Cycle <2.0%
3. f T=| hfe | x f test
TO-220
Revision: D
2013/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
•
Rth(jc) is 4.167
OC/W, Rth(ja) is 62.5OC/W
www.mccsemi.com
1 of 3
Marking: Type Number
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
G
R
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Mounting Torgue: 5 in-lbs Maximum
•
B
A
V
S
D
L
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - TIP30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results

Similar Description - TIP30

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE184 NTE-NTE184 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2351 NTE-NTE2351 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE291 NTE-NTE291 Datasheet
24Kb / 2P
Silicon Complementary Transistors Medium Power Amp, Switch
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE377 NTE-NTE377 Datasheet
19Kb / 2P
Silicon Complementary Transistors Power Amp Driver, Output, Switch
logo
Micro Commercial Compon...
TIP29 MCC-TIP29 Datasheet
163Kb / 3P
1.0 Amp Complementary Silicon Power Transistors
TIP29 MCC-TIP29_11 Datasheet
252Kb / 3P
1.0 Amp Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_13 Datasheet
128Kb / 6P
Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com