Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF522/ Datasheet(PDF) 7 Page - TT Electronics.

Part # OPF522/
Description  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF522/ Datasheet(HTML) 7 Page - TT Electronics.

  OPF522/ Datasheet HTML 1Page - TT Electronics. OPF522/ Datasheet HTML 2Page - TT Electronics. OPF522/ Datasheet HTML 3Page - TT Electronics. OPF522/ Datasheet HTML 4Page - TT Electronics. OPF522/ Datasheet HTML 5Page - TT Electronics. OPF522/ Datasheet HTML 6Page - TT Electronics. OPF522/ Datasheet HTML 7Page - TT Electronics. OPF522/ Datasheet HTML 8Page - TT Electronics. OPF522/ Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Receiver
OPF520 Series
Issue D
08/2016
Page 7
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
Typical Waveforms for
Various Input Powers
(62.5/125 μm fiber, VCC = 5.25 V, ƒ = 2.5 MHz)
(See Recommended Test Circuit)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com