Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF522/ Datasheet(PDF) 1 Page - TT Electronics.

Part # OPF522/
Description  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF522/ Datasheet(HTML) 1 Page - TT Electronics.

  OPF522/ Datasheet HTML 1Page - TT Electronics. OPF522/ Datasheet HTML 2Page - TT Electronics. OPF522/ Datasheet HTML 3Page - TT Electronics. OPF522/ Datasheet HTML 4Page - TT Electronics. OPF522/ Datasheet HTML 5Page - TT Electronics. OPF522/ Datasheet HTML 6Page - TT Electronics. OPF522/ Datasheet HTML 7Page - TT Electronics. OPF522/ Datasheet HTML 8Page - TT Electronics. OPF522/ Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Fiber Optic Receiver
OPF520 Series
© TT electronics plc
Issue D
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPF520 series fiber optic receiver is a high performance device packaged for data communications links. As such, it is
designed to work with fiber core diameters from 50µm to 200µm and over a broad input power range. The construction
contains a monolithic photo-IC comprised of a photodiode, biasing network, DC amplifier and an open collector output
transistor. The output circuitry makes this device compatible with TTL and CMOS logic.
This receiver is designed to operate from a single 5V supply. It is essential that a bypass capacitor be connected from VCC to
GND in order to ensure the best possible operation.
Applications:
•
Industrial Ethernet equipment
•
Copper-to-fiber media conversion
•
Intra-system fiber op c links
•
Video surveillance systems
Features:
•
Low Cost plas c cap package
•
Designed to self align in the bore of standard fiber op c receptacles
•
Press fit simplifies installa on
•
Op mized for fiber op c applica ons using 50 to 200 micron fiber
Part Number
Descrip on
OPF520
Plas c Cap Component
OPF522
Metal ST Receptacle
Part Ordering Informa on
RoHS
Recommended Test Circuit


Similar Part No. - OPF522/

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF522 OPTEK-OPF522 Datasheet
217Kb / 3P
5 MBd Fi ber Op tic Re ceiver
OPF522 OPTEK-OPF522 Datasheet
318Kb / 9P
Fiber Optic Receiver
More results

Similar Description - OPF522/

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
Fiber Optic Receiver
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
Fiber Optic Receiver
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
Fiber Optic Receiver
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
Fiber-Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com