Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVLBR4C7
Description  Round Through-Hole LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLBR4C7 Datasheet(HTML) 3 Page - TT Electronics.

  OVLBR4C7 Datasheet HTML 1Page - TT Electronics. OVLBR4C7 Datasheet HTML 2Page - TT Electronics. OVLBR4C7 Datasheet HTML 3Page - TT Electronics. OVLBR4C7 Datasheet HTML 4Page - TT Electronics. OVLBR4C7 Datasheet HTML 5Page - TT Electronics. OVLBR4C7 Datasheet HTML 6Page - TT Electronics. OVLBR4C7 Datasheet HTML 7Page - TT Electronics. OVLBR4C7 Datasheet HTML 8Page - TT Electronics. OVLBR4C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
03/2013
Page 3 of 9
Standard Bins
LEDs are sorted to luminous intensity (IV), forward voltage (VF) and dominant wavelength (nm) bins listed below.
Each bag consists of a single intensity bin, single voltage bin and a single color bin. Orders are filled using all
intensity and color bins listed in the following tables. Optek will not accept orders for single intensity bins, single
voltage bins or single color bins.
Blue: OVLBB4C7
IV Code
Min (mcd)
Max (mcd)
0S
1,135
1,590
0T
1,590
2,225
0U
2,225
3,115
0V
3,115
4,360
Green: OVLBG4C7
IV Code
Min (mcd)
Max (mcd)
0W
4,360
6,105
0X
6,105
8,550
0Y
8,550
11,970
0Z
11,970
16,758
Luminous Intensity (IV ) @ 20mA
Blue: OVLBB4C7 &
Green: OVLBG4C7
VF Code
Min
Max
A
2.6
2.8
B
2.8
3.0
C
3.0
3.2
D
3.2
3.4
E
3.4
3.6
F
3.6
3.8
G
3.8
4.0
Forward Voltage (VF )
Dominant Wavelength (nm)
Blue: OVLBB4C7
nm Code
Min
Max
BC
460
465
BD
465
470
BE
470
475
Green: OVLBG4C7
nm Code
Min
Max
FB
519
523
FC
523
527
FD
527
531
Red: OVLBR4C7 &
Yellow: OVLBY4C7
VF Code
Min
Max
A
1.8
2.0
B
2.0
2.2
C
2.2
2.4
Red: OVLBR4C7
nm Code
Min
Max
RA
620
625
RB
625
630
nm Code
Min
Max
YC
585
587
YD
587
589
YE
589
591
YF
591
593
YG
593
595
Yellow: OVLBY4C7
Luminous Intensity (IV ) @ 20mA
Forward Voltage (VF )
Dominant Wavelength (nm)
Red: OVLBR4C7
IV Code
Min (mcd)
Max (mcd)
0U
2,225
3,115
0V
3,115
4,360
0W
4,360
6,105
Yellow: OVLBY4C7
IV Code
Min (mcd)
Max (mcd)
0U
2,225
3,115
0V
3,115
4,360
0W
4,360
6,105
Round Through-Hole LED (3 mm)
OVLBx4C7 Series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com