Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLBR4C7
Description  Round Through-Hole LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLBR4C7 Datasheet(HTML) 1 Page - TT Electronics.

  OVLBR4C7 Datasheet HTML 1Page - TT Electronics. OVLBR4C7 Datasheet HTML 2Page - TT Electronics. OVLBR4C7 Datasheet HTML 3Page - TT Electronics. OVLBR4C7 Datasheet HTML 4Page - TT Electronics. OVLBR4C7 Datasheet HTML 5Page - TT Electronics. OVLBR4C7 Datasheet HTML 6Page - TT Electronics. OVLBR4C7 Datasheet HTML 7Page - TT Electronics. OVLBR4C7 Datasheet HTML 8Page - TT Electronics. OVLBR4C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue C
03/2013
Page 1 of 9
Round Through-Hole LED Lamp
(3 mm)
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
OVLBB4C7
InGaN
Blue
1800
Clear
OVLBG4C7
Green
8400
Clear
OVLBR4C7
Red
3700
Clear
OVLBY4C7
Yellow
3700
Clear
AllnGaP
OVLBx4C7 Series
•
High brightness with well-defined spatial radiation patterns
•
UV-resistant epoxy lens
•
Lead-frame material is iron alloy with tin plated leads
•
No stand-offs
Each OVLBx4C7 series device is a high-intensity LED mounted in a clear plastic T-1 package. The LED provides
a well-defined and even emission pattern. Its UV-resistant epoxy lens makes this device an optimal solution for
outdoor applications.
Applications
•
Pedestrian signals
•
Signage and architectural lighting
•
Backlighting
•
Automotive
•
Outdoor/indoor displays
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
General tolerance +/- .25mm unless specified
Dimensions are in Inches [MM]


Similar Part No. - OVLBR4C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
Round Red Through-hole LED Lamp (3mm)
logo
TT Electronics.
OVLBR4C7 TTELEC-OVLBR4C7 Datasheet
599Kb / 8P
Round Through-Hole LED Lamp (3 mm)
11/2018
More results

Similar Description - OVLBR4C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
Round Blue Through-hole LED Lamp (3mm)
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
Round Red Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
Round Yellow Through-hole LED Lamp (3mm)
OVLFB3C7 OPTEK-OVLFB3C7 Datasheet
1Mb / 4P
Round Blue Through-hole LED Lamp (5 mm)
OVLFG3C7 OPTEK-OVLFG3C7 Datasheet
1Mb / 4P
Round Green Through-hole LED Lamp (5 mm)
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
Round Red Through-hole LED Lamp (5 mm)
OVLFY3C7 OPTEK-OVLFY3C7 Datasheet
1Mb / 4P
Round Yellow Through-hole LED Lamp (5 mm)
logo
P-tec Corporation
PL16K-WCW32 P-TEC-PL16K-WCW32 Datasheet
1Mb / 6P
Round Thru-Hole LED Lamp
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
3mm Round Through-Hole LED
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
Round Through-Hole LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com