Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA331 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA331
Description  V-F Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA331 Datasheet(HTML) 2 Page - ON Semiconductor

  KA331 Datasheet HTML 1Page - ON Semiconductor KA331 Datasheet HTML 2Page - ON Semiconductor KA331 Datasheet HTML 3Page - ON Semiconductor KA331 Datasheet HTML 4Page - ON Semiconductor KA331 Datasheet HTML 5Page - ON Semiconductor KA331 Datasheet HTML 6Page - ON Semiconductor KA331 Datasheet HTML 7Page - ON Semiconductor KA331 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Guaranteed linearity: 0.01% max.
• Low power dissipation: 15mW at 5V
• Wide range of full scale frequency: 1Hz to 100KHz
• Pulse output compatible with all logic forms
• Wide dynamic range: 100dB min at 10KHz full scale
frequency
Description
This voltage to frequency converter provides the output
pulse train at a frequency precisely proportional to the
applied input voltage. The KA331 can operate at power
supplies as low as 4.0V and be changed output frequency
from 1Hz to 100KHz. It is ideally suited for use in simple
low-cost circuit for analog-to digital conversion, long term
integration, linear frequency modulation or demodulation,
frequency-to-voltage conversion, and many other functions.
Internal Block Diagram
KA331
V-F Converter
8-DIP
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com