Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA331 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA331
Description  V-F Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA331 Datasheet(HTML) 3 Page - ON Semiconductor

  KA331 Datasheet HTML 1Page - ON Semiconductor KA331 Datasheet HTML 2Page - ON Semiconductor KA331 Datasheet HTML 3Page - ON Semiconductor KA331 Datasheet HTML 4Page - ON Semiconductor KA331 Datasheet HTML 5Page - ON Semiconductor KA331 Datasheet HTML 6Page - ON Semiconductor KA331 Datasheet HTML 7Page - ON Semiconductor KA331 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA331
2
Absolute Maximum Ratings (TA = 25
°°°°C)
Electrical Characteristics
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Input Voltage
VI
-0.2 ~ + VCC
V
Operating Temperature Range
TOPR
0 ~ +70
°C
Power Dissipation
PD
500
mW
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
VFC Non-Linearity
VFCNL
4.5
≤ VCC ≤ 20V
-
±0.003
±0.01
% Full-Scale
Conversion Accuracy Scale Factor
ACCUR
VI = -10V, RS = 14K
Ω 0.90 1.00
1.10
KHz/V
Chang Of Gain With VCC
VCC
∆G/VCC 4.5V ≤ VCC ≤ 10V
-
0.01
0.1
%/V
10V
≤ VCC ≤ 40V
-
0.006
0.06
Rated Full - Scale Frequency
f
VI = -10V
10.0
-
-
KHz
INPUT COMPARATOR
Offset Voltage
VIO
0
°C ≤ TA ≤ +70°C-
±3
±10
mV
Bias Current
IBIAS
-
-
-80
-300
nA
Offset Current
IIO
--
±8
±100
nA
Common-Mode Range
VCM
0
°C ≤ TA ≤ +70°C-0.2
-
VCC-2.0
V
TIMER (PIN 5)
Timer Threshold Voltage
VTH
-
0.63 0.667
0.701
×VCC
Input Bias Current
IBIAS
VCC = 15V,
0V
≤ V5 ≤ 9.9V
-
±10
±100
nA
V5 = 10V
-
200
1000
nA
Saturation Voltage
VSAT
I = 5mA
-
0.22
0.5
V
CURRENT SOURCE (PIN 1)
Output Current
IO
RS = 14K
Ω, V1 = 0V 116
136
156
µA
Change with Voltage
∆IO/∆V1
0V
≤ V1≤ 10V
-
0.2
1.0
µA
Current Source Off Leakage
ILKG
-
-
0.02
10.0
nA
REFERENCE VOLTAGE (PIN 2)
Reference Voltage
VREF
-
1.70
1.89
2.08
VDC
Stability vs Temperature
STT
--
±60
-
ppm/
°C
Stability vs Time, 1000Hours
STT
--
±0.1
-
%
LOGIC OUTPUT (Pin 3)
Saturation Voltage
VSAT
I = 5mA
-
0.15
0.50
V
I = 3.2mA
-
0.10
0.40
Off Leakage
ILKG
--
±0.05
1.0
µA
SUPPLY CURRENT
Supply Current
ICC
VCC = 5V
1.5
3.0
6.0
mA
VCC = 40V
2.0
4.0
8.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com