Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DF06S
Description  PWM high-efficiency LED driver control IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 5 Page - Diodes Incorporated

  DF06S Datasheet HTML 1Page - Diodes Incorporated DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AL9910EV5
Issue 3 – June 2011
www.diodes.com
© Diodes Incorporated 2011
5
PARTS LIST
Ref
Description
P/N
Package
Manufacturer
U1
Universal high brightness LED
driver
AL9910A
SO8
Diodes Inc
D1 D2 D3
1A 1KV diode tRR=1.8µs
S1M-13-F
SMA
Diodes Inc
D4
Ultra-fast-recovery diode 3A
600V tRR =50ns
SF30JG-B
DO201AD
Diodes Inc
DB1
1A, 600V bridge rectifier
DF06S
DF-S
Diodes Inc
C1 C2
15µF 450V electrolytic capacitor
+/-20% 1000hrs @ 105C
EEUED2W150
400KXW27M10X30
UCY2G150MPD
5mm pitch
Panasonic
Rubycon
Nichicon
C3 C6
OMIT
1206
C4
4.7µF 50V electrolytic capacitor
+/-20% 1000hrs @ 105C
ECE-A1HKG4R7
1.5mm pitch
Panasonic
C5
10µF 450V electrolytic capacitor
+/-20% 1000hrs @ 105C, 10mm
diameter
EEUEE2W100U
5mm pitch
Panasonic
CX1 CX2
CX3 CX4
100nF, 275VAC, Film, X2
ECQU2A104ML
15mm pitch
Panasonic
F1
10Ohm 1W fusible resistor +/-
200ppm
NFR0100001009JR5
00
Through-hole
axial
Vishay
JP1
Link with 22 to 26 SWG tinned
copper wire
L1
6.8mH inductor +/-10% 290mA
radial
19R685C
6mm pitch
Murata
L2
22mH or 30mH common mode
inductor, 8mm height
B82791G2351N001
B82791G2301N001
EPCOS
EPCOS
L3 L4
3.3mH inductor +/-10% 420mA
radial
19R335C
6mm pitch
Murata
MOV1
275V, 21J, 9mm, Radial
B72207S0271K101
5mm pitch
EPCOS
NTC1
Wire link
Q1
N-ch 600V MOSFET 3.2A,
Qg(max)= 16nC
SPB03N60S5
TO263
Infineon
Q2
NOT FITTED
SOT23-6
R1
10R 3W wirewound resistor, +/-
50ppm/C, +/-1%
UB3C-10RF1
Through-hole
axial
Riedon
R2
3K 0.25W resistor +/-5%
Any
1206
Any
R4
0R 0.125W resistor +/-5%
Any
0805
Any
R5
1R2 0.25W +/-1%
Any
1206
Any
R6
2R7 0.25W +/-1%
Any
1206
Any
R7
100R 0.25W +/-1%
Any
1206
Any
R3 R8 RA
RB
NOT FITTED
1206
R9
330K 0.25W resistor +/-1%
Any
1206
Any
R10
10R 0.25W +/-5%
Any
1206
Any
ZD1
0R 0.25W +/-5%
Any
1206
Any



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com