Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DF06S
Description  PWM high-efficiency LED driver control IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF06S Datasheet(HTML) 2 Page - Diodes Incorporated

  DF06S Datasheet HTML 1Page - Diodes Incorporated DF06S Datasheet HTML 2Page - Diodes Incorporated DF06S Datasheet HTML 3Page - Diodes Incorporated DF06S Datasheet HTML 4Page - Diodes Incorporated DF06S Datasheet HTML 5Page - Diodes Incorporated DF06S Datasheet HTML 6Page - Diodes Incorporated DF06S Datasheet HTML 7Page - Diodes Incorporated DF06S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AL9910EV5
Issue 3 – June 2011
www.diodes.com
© Diodes Incorporated 2011
2
DESCRIPTION
The AL9910EV5 is an offline non-isolated LED driver Evaluation board designed to work on both 115V and
230V AC line voltages. It provides a constant LED current output which drives a single string of between 14
and 18 LEDs, with a LED current of 240mA.
The evalution board is designed with a footprint to fit iinside a T8 LED fluorescent replacement lamp tube. It
will provide a total LED power ranging from 10W to 13W.
AL9910EV5 SETUP AND TESTING PROCEDURE
Prerequiste
1.
AL9910EV5 evaluation board.
2.
A set of 240mA LEDs strings with 14 to 18 series-connected LEDs. The LEDs should be mounted on a
heatsink capable of a power dissipation of 10 to 13W.
3.
For safety reasons during testing, please use an isolated 115V or 230V AC source from the output of an
isolation tranformer. For public demonstration, the evaluation board and LEDs should be fitted into a
transparent case with sufficient insulation to meet the local safety requirements.
Connections and Power up
1.
Preset the isolated AC source to either 115VAC or 230VAC.
2.
ENSURE THAT THE AC SOURCE IS SWITCHED OFF OR DISCONNECTED.
3.
Connect the anode wire of the LED string to the LED+ terminal which is located at the right hand side of
evaluation board.
4.
Connect the cathode wire of the LED string to the LED - terminal which is located at the right hand side of
the evaluation board.
5.
Connect a voltmeter & ammeter according to the connection diagram in Figure 1 if LED current and
voltage measurements are required.
6.
Connect the two AC line wires to the AC1 and AC2 terminals which are located at the left hand side of
evaluation board.
7.
Ensure that the area around the board is clear and safe, and preferably that the board and LEDs are
enclosed in a transparent safety cover.
8.
Turn on the mains switch. LED string should light up with LED current of 240mA +/-15%. DO NOT TOUCH
THE BOARD, LEDs OR BARE WIRING.
Caution: The AL9910EV5 is a non-isolated design. All
terminals carry high voltage during operation!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com