Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2G Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ES2G
Description  PWM high-efficiency LED driver control IC.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES2G Datasheet(HTML) 5 Page - Diodes Incorporated

  ES2G Datasheet HTML 1Page - Diodes Incorporated ES2G Datasheet HTML 2Page - Diodes Incorporated ES2G Datasheet HTML 3Page - Diodes Incorporated ES2G Datasheet HTML 4Page - Diodes Incorporated ES2G Datasheet HTML 5Page - Diodes Incorporated ES2G Datasheet HTML 6Page - Diodes Incorporated ES2G Datasheet HTML 7Page - Diodes Incorporated ES2G Datasheet HTML 8Page - Diodes Incorporated ES2G Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AL9910EV6
Issue 4 – June 2011
www.diodes.com
© Diodes Incorporated 2011
5
PARTS LIST
Ref
Description
P/N
Package
Manufacturer
U1
Universal high brightness LED driver
AL9910A
SO8
Diodes Inc
U2
Opto coupler CTR 80-160%
FOD817A300
Fairchild
U3
Shunt regulator
ZTLV431
SOT23
Diodes Inc
Q1
N-ch 600V MOSFET 3.2A, QG(max) =
16nC
SPB03N60S5
TO252
Infineon
Q2
NPN Transistor
MMBT2222A
SOT23
Diodes Inc
Q3
60V NPN Transistor
MMBTA06
SOT23
Diodes Inc
Q4, Q5,
Q6, Q7
60V NPN Transistor
FZT853
SOT223
Diodes Inc
D1, D2,
D3
1A 1KV diode tRR=1.8µs
S1M-13-F
SMA
Diodes Inc
D4
400V 1A ultrafast recovery diode
MUR140
DO-41
Diodes Inc
D5
150V 400mA switching diode
BAV20W-7
SOD123
Diodes Inc
D6
400V 2A ultrafast recovery diode
ES2G
SMB
Diodes Inc
DB1
1A, 600V bridge rectifier
DF06S
Diodes Inc
Z1
100V 1W Zener
1N4764ADO41
DO-41
Diodes Inc
Z2
9.1V 50mW Zener
BZT52C9V1-7
SOD123
Diodes Inc
Z3
16V 500mW Zener
DDZ9703
SOD123
Diodes Inc
Z4
56V 500mW Zener
MMSZ5263B
SOD123
Diodes Inc
R1
10R 3W resistor, +/-50ppm/C, +/-1%
generic
Wire wound
R2
226K 0.125W +/-1% generic
0805
R3,R4
0R 0.125W +/-5% generic
0805
R5
0R5 0.25W +/-1% generic
1206
R6
5K6 0.125W +/-5% generic
0805
R7
100K 0.125W +/-5% generic
0805
R8, R10
5K1 0.125W +/-5% generic
0805
R9
1K 0.125W +/-5% generic
0805
R11
10K 0.25W +/-5% generic
1206
R13
20K 0.125W +/-5% generic
0805
R14
470R 0.125W +/-5% generic
0805
R15, R20
8R2 0.33W +/-1% generic
1206
R16, R17,
R22, R23
2R2 0.25W +/-1% generic
1206
R18, R19,
R24, R25
0R 0.25W +/-1% generic
1206
R21
1R 0.25W +/-1% generic
1206
F1
10R 1W fusible resistor +/-200ppm
generic
C1,C2
33µF 450V electrolytic capacitor
EEUED2E330
Panasonic
C4,C11
4.7µF 25V X7R
1206
C5
1µF 50V X7R
1206
C7,C8
33µF 63V
C10
100nF 16V X7R
0805
CX1,CX2,
CX3, CX4
100nF 275VAC, Film, X2, 20%
ECQU2A104ML
Panasonic
MOV1
275V Varistor, 21J
B72207S0271K101
5mm pitch
Epcos
L1
6.8mH 290mA
19R685C
Murata
L2
30mH 300mA common mode choke
B82791G2301N001
Epcos
T1
800µH Flyback transformer turn ratio =
1.76:1
OWTR-PT25C774
EER25
Olewoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com