Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ES2G
Description  PWM high-efficiency LED driver control IC.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES2G Datasheet(HTML) 2 Page - Diodes Incorporated

  ES2G Datasheet HTML 1Page - Diodes Incorporated ES2G Datasheet HTML 2Page - Diodes Incorporated ES2G Datasheet HTML 3Page - Diodes Incorporated ES2G Datasheet HTML 4Page - Diodes Incorporated ES2G Datasheet HTML 5Page - Diodes Incorporated ES2G Datasheet HTML 6Page - Diodes Incorporated ES2G Datasheet HTML 7Page - Diodes Incorporated ES2G Datasheet HTML 8Page - Diodes Incorporated ES2G Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AL9910EV6
Issue 4 – June 2011
www.diodes.com
© Diodes Incorporated 2011
2
DESCRIPTION
The AL9910EV6 is an offline isolated LED driver evaluation board designed to work on 110V AC line voltage.
It provides four constant LED current outputs which drive four seperate strings of between 8 and 14 LEDs, with
a LED current of 75mA per string.
It will provide a total LED power ranging from 8W to 15W.
AL9910EV6 SETUP AND TESTING PROCEDURE
Prerequiste
1.
AL9910EV6 evaluation board.
2.
Four sets of LEDs strings with 8 to 14 series-connected LEDs. Please note that the number of LEDs in
each string must be equal. The LEDs should be mounted on a heatsink capable of a power dissipation of
8 to 15W.
3.
For safety reasons during testing, please use an isolated 110V AC source from the output of an isolation
tranformer. For public demonstration, the evaluation board and LEDs should be fitted into a transparent
case with sufficient insulation to meet the local safety requirements.
Connections and Power up
1.
Preset the isolated AC source to either 110VAC.
2.
ENSURE THAT THE AC SOURCE IS SWITCHED OFF OR DISCONNECTED.
3.
Solder the anode wires of all LED strings to the LED+ terminal.
4.
Solder the cathode wires of the four LED strings individually to the LED1-, LED2-, LED3- and LED4-
terminals. Connect ammeters in series with the cathode wires if LED current measurements are required.
5.
Connect the two AC line wires to the AC1 and AC2 terminals which are located at the bottom left hand
corner of the evaluation board.
6.
Ensure that the area around the board is clear and safe, and preferably that the board and LEDs are
enclosed in a transparent safety cover.
7.
Turn on the mains switch. LED string should light up. DO NOT TOUCH THE BOARD, LEDs OR BARE
WIRING.
Caution: The input terminals carry high voltage during
operation!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com