Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N7002KA
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N7002KA Datasheet(HTML) 2 Page - Micro Commercial Components

  2N7002KA Datasheet HTML 1Page - Micro Commercial Components 2N7002KA Datasheet HTML 2Page - Micro Commercial Components 2N7002KA Datasheet HTML 3Page - Micro Commercial Components 2N7002KA Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2017/04/14
www.mccsemi.com
2 of
4
Micro Commercial Components
M C C
R
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
60
V
Zero gate voltage drain current
IDSS
VDS =48V,VGS = 0V
1
µA
Gate-body leakage current
IGSS1
VGS =±20V, VDS = 0V
±10
µA
IGSS2
VGS =±10V, VDS = 0V
±200
nA
IGSS2
VGS =±5V, VDS = 0V
±100
nA
Gate threshold voltage*
VGS(th)
VDS =VGS, ID =250µA
1
1.4
2.5
V
Drain-source on-resistance*
RDS(on)
VGS =10V, ID =500mA
1.2
5
Ω
VGS =4.5V, ID =200mA
1.3
5.3
Recovered charge
Qr
VGS=0V,IS=300mA,VR=25V,
dls/dt=-100A/µS
30
nC
Dynamic characteristics**
Input Capacitance
Ciss
VDS=10V,VGS=0V,f=1MHz
40
pF
Output Capacitance
Coss
30
Reverse Transfer Capacitance
Crss
10
Switching Characteristics**
Turn-on delay time
td(on)
VGS=10 V, VDD=50V, RG=50Ω
RGS=50Ω,RL=250Ω
10
ns
Turn-off delay time
td(off)
15
Reverse recovery Time
trr
VGS=0V,IS=300mA,VR=25V,
dls/dt=-100A/µS
30
Source-Drain Diode characteristics
Diode Forward voltage
VSD
VGS =0V, IS=300mA
1.5
V
GATE-SOURCE ZENER DIODE
Gate-Source Breakdown Voltage
BVGSO
IGS=±1mA(Open Drain)
±21.5
±30
V
Notes:
*Pulse Test: Pulse Width ≤300µs ,Duty Cycle ≤2%.
**These parameters have no way to ver
ify.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com